Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X9C503PIZ Datasheet(PDF) 8 Page - Renesas Technology Corp

No. de pieza X9C503PIZ
Descripción Electrónicos  Digitally Controlled Potentiometer (XDCP™)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9C503PIZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button X9C503PIZ Datasheet HTML 4Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 5Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 6Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 7Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 8Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 9Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 10Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 11Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
X9C102, X9C103, X9C104, X9C503
FN8222 Rev 4.00
Page 8 of 12
Jan 11, 2019
Basic Configurations of Electronic Potentiometers
Basic Circuits
VR
VR
I
THREE TERMINAL POTENTIOMETER;
VARIABLE VOLTAGE DIVIDER
TWO TERMINAL VARIABLE RESISTOR;
VARIABLE CURRENT
VH/RH
VL/RL
VW/RW
CASCADING TECHNIQUES
BUFFERED REFERENCE VOLTAGE
–
+
+5V
R1
+V
-5V
VW
VREF
VOUT
OP-07
VW/RW
VW/RW
+V
+V
+V
X
(a)
(b)
VOUT = VW/RW
NONINVERTING AMPLIFIER
VO = (1+R2/R1)VS
VOLTAGE REGULATOR
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
OFFSET VOLTAGE ADJUSTMENT
+
–
VS
VO
R2
R1
100k
10k
10k
10k
-12V
+12V
TL072
COMPARATOR WITH HYSTERESIS
VUL = {R1/(R1 + R2)} VO(MAX)
VLL = {R1/(R1 + R2)} VO(MIN)
+
–
VS
VO
R2
R1
LM308A
+5V
-5V
+
–
VS
VO
R2
R1
LT311A
(FOR ADDITIONAL CIRCUITS SEE AN1145)
Revision History
Rev.
Date
Description
4.00
Jan 11, 2019
Updated Ordering Information table to remove Obsolete and Retired parts.
Added Revision History.
Updated PODs for X9C102, X9C104, and X9C503 SOICs from: MDP0027 to: M8.15E and X9C103 SOIC from:
MDP0027 to: M8.15, to include the Land Pattern design and convert dimensions from table to graphics.
Updated Intersil disclaimer to Renesas disclaimer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com