Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA19161CT Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza TEA19161CT
Descripción Electrónicos  Digital controller for high-efficiency resonant power supply
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA19161CT Datasheet(HTML) 1 Page - NXP Semiconductors

  TEA19161CT Datasheet HTML 1Page - NXP Semiconductors TEA19161CT Datasheet HTML 2Page - NXP Semiconductors TEA19161CT Datasheet HTML 3Page - NXP Semiconductors TEA19161CT Datasheet HTML 4Page - NXP Semiconductors TEA19161CT Datasheet HTML 5Page - NXP Semiconductors TEA19161CT Datasheet HTML 6Page - NXP Semiconductors TEA19161CT Datasheet HTML 7Page - NXP Semiconductors TEA19161CT Datasheet HTML 8Page - NXP Semiconductors TEA19161CT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
TEA19161CT
Digital controller for high-efficiency resonant power supply
Rev. 2 — 26 February 2020
Product data sheet
1 General description
The TEA19161CT is a fully digital controller for high-efficiency resonant power supplies.
Together with the TEA19162CT PFC controller and the TEA1995T dual SR controller,
a complete resonant power supply can be built which is easy to design and has a very
low component count. This power supply meets the efficiency regulations of Energy Star,
the Department of Energy (DoE), the Eco-design directive of the European Union, the
European Code of Conduct, and other guidelines. So, any auxiliary low-power supply can
be omitted.
In contrast to traditional resonant topologies, the TEA19161CT (LLC) shows a high
efficiency at low loads due to the newly introduced low-power mode. This mode operates
in the power region between continuous switching (also called high-power mode) and
burst mode.
Because the TEA19161CT is regulated via the primary capacitor voltage, it has accurate
information about the power delivered to the output. The measured output power
defines the mode of operation (burst mode, low-power mode, or high-power mode). A
configuration pin can easily set the transition levels of the operating modes.
The TEA19161CT contains a low-voltage die with a fully digital controller for output
power control, start-up, initializations, and protections. These protections include
overcurrent protection (OCP), overvoltage protection (OVP), open-loop protection (OLP),
and capacitive mode regulation (CMR). It also contains a high-voltage silicon-on-insulator
(SOI) controller for high-voltage start-up, integrated drivers, level shifter, protections, and
circuitry assuring zero-voltage switching.
The TEA19161CT is designed to cooperate with the TEA19162CT power factor
control (PFC) controller. For communications about start-up and protections, the
TEA19161CT contains a digital control interface. The digital control enables a fast latch
reset mechanism. It maximizes the overall system efficiency at low output power levels
by setting the TEA19162CT to operate in burst mode.
The TEA19161CT/TEA19162CT/TEA1995T combination gives an easy to design,
highly efficient, and reliable power supply, providing 90 W to 500 W, with a minimum of
external components. The system provides a very low no-load input power (< 75 mW;
total system including the TEA19161CT/TEA19162CT/TEA1995T combination) and high
efficiency from minimum to maximum load. So, any additional low-power supply can be
omitted, ensuring a significant system cost saving and highly simplified power supply
design.


Número de pieza similar - TEA19161CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T Datasheet
428Kb / 46P
Digital controller for high-efficiency resonant power supply
Rev. 1-10 March 2016
TEA19161T NXP-TEA19161T Datasheet
512Kb / 44P
Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
TEA19161T/2 NXP-TEA19161T/2 Datasheet
512Kb / 44P
Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
TEA19161T/2Y NXP-TEA19161T/2Y Datasheet
428Kb / 46P
Digital controller for high-efficiency resonant power supply
Rev. 1-10 March 2016
TEA19161T2 NXP-TEA19161T2 Datasheet
512Kb / 44P
Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
More results

Descripción similar - TEA19161CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1860 TI-UC1860 Datasheet
584Kb / 9P
Resonant Mode Power Supply Controller
logo
Sanken electric
STR-W6700 SANKEN-STR-W6700 Datasheet
91Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-X6700 SANKEN-STR-X6700 Datasheet
101Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-Y6400 SANKEN-STR-Y6400 Datasheet
239Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
logo
Texas Instruments
UC3860N TI-UC3860N Datasheet
548Kb / 10P
Resonant Mode Power Supply Controller
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
High Efficiency Dual Power Supply Controller
REV. 0
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T Datasheet
428Kb / 46P
Digital controller for high-efficiency resonant power supply
Rev. 1-10 March 2016
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
TEA2016AAT NXP-TEA2016AAT_V01 Datasheet
572Kb / 59P
Digital controller for high-efficiency resonant power supply
Rev. 1 - 15 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com