Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA19161CT Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza TEA19161CT
Descripción Electrónicos  Digital controller for high-efficiency resonant power supply
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA19161CT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA19161CT Datasheet HTML 4Page - NXP Semiconductors TEA19161CT Datasheet HTML 5Page - NXP Semiconductors TEA19161CT Datasheet HTML 6Page - NXP Semiconductors TEA19161CT Datasheet HTML 7Page - NXP Semiconductors TEA19161CT Datasheet HTML 8Page - NXP Semiconductors TEA19161CT Datasheet HTML 9Page - NXP Semiconductors TEA19161CT Datasheet HTML 10Page - NXP Semiconductors TEA19161CT Datasheet HTML 11Page - NXP Semiconductors TEA19161CT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
NXP Semiconductors
TEA19161CT
Digital controller for high-efficiency resonant power supply
TEA19161CT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 2 — 26 February 2020
8 / 44
Careful selection of the appropriate diode minimizes the voltage drop between the
SUPREG and SUPHS pins, especially when large MOSFETs and high switching
frequencies are used. A large voltage drop across the diode reduces the gate drive of the
high-side MOSFET.
8.2 System start-up
Figure 5 shows the flow diagram corresponding with Figure 4.
aaa-017754
NO SUPPLY
VSUPIC < Vuvp(SUPIC) or
VSUPREG < Vuvp(SUPREG)
all settings defined
VSNSBOOST > Vstart(SNSBOOST)
PFC disabled
via SNSBOOST
READOUT
SETTINGS
PFC START-UP
LLC START-UP
OPERATING
SUPIC regulated
via SUPHV
VSUPIC > Vstart(SUPIC) and
VSUPREG > Vuvp(SUPREG)
ISNSFB > Ireg(SNSFB)
Figure 5. LLC controller flow diagram
When the SUPIC or SUPREG pins drop to below their stop levels, the TEA19161CT
enters the no supply state. It recharges the SUPIC and SUPREG pins to their start
levels via the SUPHV pin. When the start levels are reached, measuring the external
resistances on the SNSSET, SNSOUT, and GATELS pins initialize the settings.
During the no supply and readout settings states, the SNSBOOST pin is pulled low,
disabling the TEA19162CT PFC. When the settings have been defined, the SNSBOOST
pin is released and the PFC starts up. When the SNSBOOST reaches the minimum level
Vstart(SNSBOOST), the LLC starts switching.
When a small optocurrent is detected (ISNSFB < Ireg(SNSFB)), the output voltage is close
to its regulation level. As the SUPIC pin must then be supplied via the primary auxiliary
winding, charging via the SUPHV is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com