Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA19161CT Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TEA19161CT
Descripción Electrónicos  Digital controller for high-efficiency resonant power supply
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA19161CT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA19161CT Datasheet HTML 3Page - NXP Semiconductors TEA19161CT Datasheet HTML 4Page - NXP Semiconductors TEA19161CT Datasheet HTML 5Page - NXP Semiconductors TEA19161CT Datasheet HTML 6Page - NXP Semiconductors TEA19161CT Datasheet HTML 7Page - NXP Semiconductors TEA19161CT Datasheet HTML 8Page - NXP Semiconductors TEA19161CT Datasheet HTML 9Page - NXP Semiconductors TEA19161CT Datasheet HTML 10Page - NXP Semiconductors TEA19161CT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
NXP Semiconductors
TEA19161CT
Digital controller for high-efficiency resonant power supply
TEA19161CT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 2 — 26 February 2020
7 / 44
aaa-017753
no supply
readout settings
off
PFC start-up
LLC start-up
operating
ISNSFB > Ireg(SNSFB)
Vstart(SNSBOOST)
Vstart(SUPIC)
supic_charge
lSUPIC
VSUPIC
llim(SUPHV)
< 20 mA
pulldown_snsboost
SNSBOOST
mode of operation
Vout
Vstart(hys)SUPIC
Vrst(SUPIC)
off
on
on
Figure 4. Start-up sequence and normal operation
8.1.2 Regulated supply (SUPREG pin)
The voltage range on the SUPIC pin exceeds that of the maximum external MOSFETs
gate-source voltage. So, the TEA19161CT incorporates an integrated series stabilizer.
The series stabilizer creates an accurate regulated voltage (Vintregd(SUPREG) = 11 V) at the
buffer capacitor CSUPREG. The stabilized voltage is used to:
• Supply the internal low-side LLC driver
• Supply the internal high-side driver using external components
• As a reference voltage for optional external circuits
To ensure that the external MOSFETs receive sufficient gate drive, the voltage on the
SUPREG pin must reach Vuvp(SUPREG) before the system starts switching. If the SUPREG
voltage drops to below this undervoltage protection level, the system restarts.
8.1.3 High-side driver floating supply (SUPHS pin)
External bootstrap buffer capacitor CSUPHS supplies the high-side driver. The bootstrap
capacitor is connected between the high-side driver supply, the SUPHS pin, and the
half-bridge node, HB. CSUPHS is charged from the SUPREG pin using an external diode
DSUPHS (see Figure 27).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com