Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA19161CT Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TEA19161CT
Descripción Electrónicos  Digital controller for high-efficiency resonant power supply
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA19161CT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA19161CT Datasheet HTML 2Page - NXP Semiconductors TEA19161CT Datasheet HTML 3Page - NXP Semiconductors TEA19161CT Datasheet HTML 4Page - NXP Semiconductors TEA19161CT Datasheet HTML 5Page - NXP Semiconductors TEA19161CT Datasheet HTML 6Page - NXP Semiconductors TEA19161CT Datasheet HTML 7Page - NXP Semiconductors TEA19161CT Datasheet HTML 8Page - NXP Semiconductors TEA19161CT Datasheet HTML 9Page - NXP Semiconductors TEA19161CT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
NXP Semiconductors
TEA19161CT
Digital controller for high-efficiency resonant power supply
TEA19161CT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 2 — 26 February 2020
6 / 44
Initially, when the voltage on the SUPIC pin is below the reset level VrstSUPIC) (3.5 V),
the SUPIC charge current is internally limited to Ilim(SUPHV) (0.75 mA). In this way, the
dissipation is limited when SUPIC is shorted to ground. When the voltage on the SUPIC
pin exceeds Vrst(SUPIC), the internal switch is closed.
To limit the IC power dissipation, an external resistor (RSUPHV) is required to reduce the
voltage drop between the SUPHV and SUPIC pins when charging the SUPIC capacitor.
RSUPHV must be dimensioned such that the maximum current is limited to below limiting
value ISUPHV (20 mA) and it can handle the required power dissipation. The maximum
power dissipation of the external resistor can be reduced by using several resistors in
series.
When the SUPIC reaches the Vstart(SUPIC) level (19.1 V), it is continuously regulated
to this start level with a hysteresis (Vstart(hys)(SUPIC); −0.7 V). It activates the switch
between the SUPHV and SUPIC pins when the SUPIC voltage drops to below
Vstart(SUPIC) + Vstart(hys)(SUPIC). It deactivates the switch when it exceeds Vstart(SUPIC).
When start-up is complete and the LLC controller is operating, the LLC transformer
auxiliary winding supplies the SUPIC pin. In this operational state, the HV start-up source
is disabled (see Figure 4).
When the system enters the protection mode, the SUPIC pin is also regulated to the
start level. During the non-switching period of the burst mode, the system also activates
the switch between the SUPHV and SUPIC pins when the SUPIC voltage drops below
Vlow(SUPIC). It regulates the voltage with a hysteresis of Vhys(low)SUPIC. In this way, the
system avoids that the SUPIC undervoltage protection (Vuvp(SUPIC)) is triggered because
of a long non-switching period in burst mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com