Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA19161CT Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TEA19161CT
Descripción Electrónicos  Digital controller for high-efficiency resonant power supply
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA19161CT Datasheet(HTML) 3 Page - NXP Semiconductors

  TEA19161CT Datasheet HTML 1Page - NXP Semiconductors TEA19161CT Datasheet HTML 2Page - NXP Semiconductors TEA19161CT Datasheet HTML 3Page - NXP Semiconductors TEA19161CT Datasheet HTML 4Page - NXP Semiconductors TEA19161CT Datasheet HTML 5Page - NXP Semiconductors TEA19161CT Datasheet HTML 6Page - NXP Semiconductors TEA19161CT Datasheet HTML 7Page - NXP Semiconductors TEA19161CT Datasheet HTML 8Page - NXP Semiconductors TEA19161CT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
NXP Semiconductors
TEA19161CT
Digital controller for high-efficiency resonant power supply
TEA19161CT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 2 — 26 February 2020
3 / 44
4 Ordering information
Table 1. Ordering information
Package
Type number
Name
Description
Version
TEA19161CT/1
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
5 Marking
Table 2. Marking
Type number
Marking code
TEA19161CT/1
TEA19161CT
6 Block diagram
CONTROL
LOGIC
SOFT START
POWER
CONTROL
SWITCHING
STATE
MACHINE
Vhs(SNSCAP)
Vls(SNSCAP)
IC
A/D
A/D
V
#BURST-
CYCLES
VALLEY/
PEAK
DETECT
/
P
OTP
LS
aaa-017285
2.4 V
SNSFB
SETTINGS
CONTROL
PFC CONTROL
FEEDBACK CONTROL
OPERATION MODE
PFC burst
setting
SNSSET
SNSBOOST
I
I
I
I
PFC protection
start-up
SNSOUT
CONTROL
DRIVERS
SWITCHING CONTROL
setting
I
supic_charge
SUPHV SUPIC
SUPREG
UVPSUPIC
UVPSUPREG
Ibias(SNSCAP)
internal supplies
11 V
SUPPLY
SNSOUT
GATELS
GateHS
GateLS
SNSCAP
SNSCUR
OCP
HB
= 1.5 V
GATEHS
GateHS
SUPREG
GateLS
SUPHS
Plowpwr
s
r
q
low-power
mode
1.27 V
burst-on
1.02 V
1:1
2.5 V
60 kΩ
12 kΩ
2.5 V + VT
/
CMR
= 0.1 V
setting
Figure 1. Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com