Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72325AR9-Auto Datasheet(PDF) 57 Page - STMicroelectronics

No. de pieza ST72325AR9-Auto
Descripción Electrónicos  SCI asynchronous serial interface
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325AR9-Auto Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST72325AR9-Auto Datasheet HTML 53Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 54Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 55Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 56Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 57Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 58Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 59Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 60Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 243 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST72325xxx-Auto
Interrupts
Doc ID 13770 Rev 3
57/243
flag is set in the peripheral status registers and if the corresponding enable bit is set in
the peripheral control register.
The general sequence for clearing an interrupt is based on an access to the status
register followed by a read or write to an associated register.
Note:
The clearing sequence resets the internal latch. A pending interrupt (that is, waiting to be
serviced) will therefore be lost if the clear sequence is executed.
7.3
Interrupts and low power modes
All interrupts allow the processor to exit the Wait low power mode. On the contrary, only
external and other specified interrupts allow the processor to exit from the Halt modes (see
column “Exit from Halt/Active Halt” in Table 21: Interrupt mapping). When several pending
interrupts are present while exiting Halt mode, the first one serviced can only be an interrupt
with “exit from Halt mode” capability and it is selected through the same decision process
shown in Figure 20.
Note:
If an interrupt that is not able to exit from Halt mode is pending with the highest priority when
exiting Halt mode, this interrupt is serviced after the first one serviced.
7.4
Concurrent and nested management
The following Figure 21 and Figure 22 show two different interrupt management modes. The
first is called concurrent mode and does not allow an interrupt to be interrupted, unlike the
nested mode in Figure 22. The interrupt hardware priority is given in this order from the
lowest to the highest: MAIN, IT4, IT3, IT2, IT1, IT0, TLI. The software priority is given for
each interrupt.
Warning:
A stack overflow may occur without notifying the software of
the failure.
Figure 21.
Concurrent interrupt management
MAIN
IT4
IT2
IT1
TRAP
IT1
MAIN
IT0
I1
SOFTWARE
3
3
3
3
3
3/0
3
11
11
11
11
11
11 / 10
11
RIM
IT3
I0
10
PRIORITY
LEVEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More