Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 104 Page - Microchip Technology

No. de pieza PIC32MX795F512LT-80I/PF
Descripción Electrónicos  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 100Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 101Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 102Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 103Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 104Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 105Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 106Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 107Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 256 page
background image
TABLE 4-40:
PREFETCH REGISTER MAP
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
4000 CHECON(1,2)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
CHECOH 0000
15:0
—
—
—
—
—
—
DCSZ<1:0>
—
—
PREFEN<1:0>
—
PFMWS<2:0>
0007
4010 CHEACC(1)
31:16 CHEWEN
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
—
—
—
—
CHEIDX<3:0>
0000
4020 CHETAG(1)
31:16 LTAGBOOT
—
—
—
—
—
—
—
LTAG<23:16>
00xx
15:0
LTAG<15:4>
LVALID
LLOCK
LTYPE
—
xxx2
4030 CHEMSK(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
LMASK<15:5>
—
—
—
—
—
0000
4040
CHEW0
31:16
CHEW0<31:0>
xxxx
15:0
xxxx
4050
CHEW1
31:16
CHEW1<31:0>
xxxx
15:0
xxxx
4060
CHEW2
31:16
CHEW2<31:0>
xxxx
15:0
xxxx
4070
CHEW3
31:16
CHEW3<31:0>
xxxx
15:0
xxxx
4080
CHELRU
31:16
—
—
—
—
—
—
—
CHELRU<24:16>
0000
15:0
CHELRU<15:0>
0000
4090
CHEHIT
31:16
CHEHIT<31:0>
xxxx
15:0
xxxx
40A0
CHEMIS
31:16
CHEMIS<31:0>
xxxx
15:0
xxxx
40C0 CHEPFABT
31:16
CHEPFABT<31:0>
xxxx
15:0
xxxx
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
This register has corresponding CLR, SET and INV registers at its virtual address, plus an offset of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more information.
2:
Reset value is dependent on DEVCFGx configuration.