Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 76 Page - Microchip Technology

No. de pieza PIC32MX795F512LT-80I/PF
Descripción Electrónicos  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 72Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 73Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 74Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 75Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 76Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 77Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 78Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 79Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 256 page
background image
TABLE 4-9:
INPUT CAPTURE 1-INPUT CAPTURE 5 REGISTER MAP
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
2000 IC1CON(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
FRZ
SIDL
—
—
—
FEDGE
C32
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000
2010
IC1BUF
31:16
IC1BUF<31:0>
xxxx
15:0
xxxx
2200 IC2CON(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
FRZ
SIDL
—
—
—
FEDGE
C32
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000
2210
IC2BUF
31:16
IC2BUF<31:0>
xxxx
15:0
xxxx
2400 IC3CON(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
FRZ
SIDL
—
—
—
FEDGE
C32
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000
2410
IC3BUF
31:16
IC3BUF<31:0>
xxxx
15:0
xxxx
2600 IC4CON(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
FRZ
SIDL
—
—
—
FEDGE
C32
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000
2610
IC4BUF
31:16
IC4BUF<31:0>
xxxx
15:0
xxxx
2800 IC5CON(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
FRZ
SIDL
—
—
—
FEDGE
C32
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000
2810
IC5BUF
31:16
IC5BUF<31:0>
xxxx
15:0
xxxx
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
This register has corresponding CLR, SET and INV registers at its virtual address, plus an offset of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more information.