Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 93 Page - Microchip Technology

No. de pieza PIC32MX795F512LT-80I/PF
Descripción Electrónicos  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 89Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 90Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 91Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 92Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 93Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 94Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 95Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 96Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 256 page
background image
35F0 DCH7SSIZ
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
CHSSIZ<15:0>
0000
3600 DCH7DSIZ
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
CHDSIZ<15:0>
0000
3610 DCH7SPTR
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
CHSPTR<15:0>
0000
3620 DCH7DPTR
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
CHDPTR<15:0>
0000
3630 DCH7CSIZ
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
CHCSIZ<15:0>
0000
3640 DCH7CPTR
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
CHCPTR<15:0>
0000
3650 DCH7DAT
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
CHPDAT<7:0>
0000
TABLE 4-19:
DMA CHANNELS 0-7 REGISTER MAP(1,2) (CONTINUED)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more
information.
2:
DMA channels 4-7 are note available on PIC32MX534/564/664/764 devices.