Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 16 Page - Microchip Technology

No. de pieza PIC32MX795F512LT-80I/PF
Descripción Electrónicos  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 12Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 13Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 14Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 15Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 16Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 17Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 18Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 19Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 256 page
background image
Pin Diagrams (Continued)
100-Pin TQFP
PIC32MX675F512L
PIC32MX695F512L
PIC32MX675F256L
= Pins are up to 5V tolerant
PMD5/RE5
PMD6/RE6
PMD7/RE7
T2CK/RC1
T3CK/RC2
T4CK/RC3
T5CK/SDI1/RC4
ECOL/SCK2/U6TX/U3RTS/PMA5/CN8/RG6
VDD
TMS/RA0
AERXD0/INT1/RE8
AERXD1/INT2/RE9
AN5/C1IN+/VBUSON/CN7/RB5
AN4/C1IN-/CN6/RB4
AN3/C2IN+/CN5/RB3
AN2/C2IN-/CN4/RB2
ECRS/SDA4/SDI2/U3RX/PMA4/CN9/RG7
ERXDV/AERXDV/ECRSDV/AECRSDV/SCL4/SDO2/U3TX/PMA3/CN10/RG8
PGEC1/AN1/CN3/RB1
PGED1/AN0/CN2/RB0
VDD
AERXERR/RG15
ERXCLK/AERXCLK/EREFCLK/AEREFCLK/SS2/U6RX/U3CTS/PMA2/CN11/RG9
MCLR
VSS
20
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
21
22
1
24
23
25
SOSCI/CN1/RC13
SDO1/OC1/INT0/RD0
SS1/IC2/RD9
RTCC/EMDIO/AEMDIO/IC1/RD8
EMDC/AEMDC/IC4/PMCS1/PMA14/RD11
AETXEN/SDA1/INT4/RA15
AETXCLK/SCL1/INT3/RA14
OSC2/CLKO/RC15
OSC1/CLKI/RC12
VDD
D+/RG2
VUSB
VBUS
SCL3/SDO3/U1TX/RF8
D-/RG3
SDA3/SDI3/U1RX/RF2
USBID/RF3
VSS
SOSCO/T1CK/CN0/RC14
TDO/RA5
SDA2/RA3
SCL2/RA2
VSS
TDI/RA4
65
64
63
62
61
60
59
56
72
71
70
69
68
67
66
75
74
73
58
57
55
54
53
52
51
SCK1/IC3/PMCS2/PMA15/RD10
PIC32MX664F064L
PIC32MX664F128L