Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 293 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 293 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 289Page - ATMEL Corporation ATmega16U2 Datasheet HTML 290Page - ATMEL Corporation ATmega16U2 Datasheet HTML 291Page - ATMEL Corporation ATmega16U2 Datasheet HTML 292Page - ATMEL Corporation ATmega16U2 Datasheet HTML 293Page - ATMEL Corporation ATmega16U2 Datasheet HTML 294Page - ATMEL Corporation ATmega16U2 Datasheet HTML 295Page - ATMEL Corporation ATmega16U2 Datasheet HTML 296Page - ATMEL Corporation ATmega16U2 Datasheet HTML 297Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 314 page
background image
293
7799B–AVR–07/09
ATmega8U2/16U2/32U2
Figure 27-38. ATmega8U2: USB Regulator Level with load 75
Ω vs. V
CC
27.11 Current Consumption in Reset and Reset Pulsewidth
Figure 27-39. ATmega8U2: Reset Supply Current vs. Frequency (1 - 20 MHz)
85 °C
25 °C
-40 °C
2.2
2.4
2.6
2.8
3
3.2
3.4
2.5
3
3.5
4
4.5
5
5.5
Voltage (V)
5.5 V
5.0 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
46
8
10
12
14
16
18
20
Frequency (MHz)
4.5 V
4.0 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com