Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 285 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 285 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 281Page - ATMEL Corporation ATmega16U2 Datasheet HTML 282Page - ATMEL Corporation ATmega16U2 Datasheet HTML 283Page - ATMEL Corporation ATmega16U2 Datasheet HTML 284Page - ATMEL Corporation ATmega16U2 Datasheet HTML 285Page - ATMEL Corporation ATmega16U2 Datasheet HTML 286Page - ATMEL Corporation ATmega16U2 Datasheet HTML 287Page - ATMEL Corporation ATmega16U2 Datasheet HTML 288Page - ATMEL Corporation ATmega16U2 Datasheet HTML 289Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 314 page
background image
285
7799B–AVR–07/09
ATmega8U2/16U2/32U2
27.7
Pin Threshold and Hysteresis
Figure 27-22. ATmega8U2: I/O Pin Input Threshold Voltage vs. V
CC (VIH, I/O Pin read as ‘1’)
Figure 27-23. ATmega8U2: I/O Pin Input Threshold Voltage vs. V
CC (VIL, I/O Pin read as ‘0’)
85 °C
25 °C
-40 °C
0.7
0.9
1.1
1.3
1.5
1.7
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
VCC (V)
85 °C
25 °C
-40 °C
0.6
0.8
1
1.2
1.4
1.6
1.8
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com