Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 248 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 248 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 244Page - ATMEL Corporation ATmega16U2 Datasheet HTML 245Page - ATMEL Corporation ATmega16U2 Datasheet HTML 246Page - ATMEL Corporation ATmega16U2 Datasheet HTML 247Page - ATMEL Corporation ATmega16U2 Datasheet HTML 248Page - ATMEL Corporation ATmega16U2 Datasheet HTML 249Page - ATMEL Corporation ATmega16U2 Datasheet HTML 250Page - ATMEL Corporation ATmega16U2 Datasheet HTML 251Page - ATMEL Corporation ATmega16U2 Datasheet HTML 252Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 314 page
background image
248
7799B–AVR–07/09
ATmega8U2/16U2/32U2
Note:
1. The SPIEN Fuse is not accessible in serial programming mode.
2. The default value of BOOTSZ1..0 results in maximum Boot Size. See Table 23-8 on page 239
for details.
3. See “WDTCSR – Watchdog Timer Control Register” on page 56 for details.
4. Never ship a product with the DWEN Fuse programmed regardless of the setting of Lock bits
and RSTDSBL Fuse. A programmed DWEN Fuse enables some parts of the clock system to
be running in all sleep modes. This may increase the power consumption.
Note:
1. The default value of SUT1..0 results in maximum start-up time for the default clock source.
See “System and Reset Characteristics” on page 267 for details.
2. The default setting of CKSEL3..0 results in External crystal Oscillator 8MHz. See Table 8-1 on
page 29 for details.
3. The CKOUT Fuse allow the system clock to be output on PORTC7. See “Clock Output Buffer”
on page 35 for details.
4. See “System Clock Prescaler” on page 35 for details.
The status of the Fuse bits is not affected by Chip Erase. Note that the Fuse bits are locked if
Lock bit1 (LB1) is programmed. Program the Fuse bits before programming the Lock bits.
Table 25-4.
Fuse High Byte
Fuse High Byte
Bit No
Description
Default Value : 0xD9
DWEN(4)
7
Enable debugWIRE (and disable
Reset capability
1 (unprogrammed, debugWIRE
disabled)
RSTDSBL
6
Disable Reset (pin can be used as
general purpose I/O)
1 (unprogrammed, Reset
enabled)
SPIEN(1)
5
Enable Serial Program and Data
Downloading
0 (programmed, SPI prog.
enabled)
WDTON(3)
4
Watchdog Timer always ON
1 (unprogrammed)(3)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed, EEPROM
not preserved)
BOOTSZ1
2
Select Boot Size (see Table 25-9 for
details)
0 (programmed)(2)
BOOTSZ0
1
Select Boot Size (see Table 25-9 for
details)
0 (programmed)(2)
BOOTRST
0
Select Bootloader Address as Reset
Vector
1 (unprogrammed, Reset
vector @0x0000)
Table 25-5.
Fuse Low Byte
Fuse Low Byte
Bit No
Description
Default Value : 0x5E
CKDIV8(4)
7
Divide clock by 8
0 (programmed)
CKOUT(3)
6
Clock output
1 (unprogrammed)
SUT1
5
Select start-up time
0 (programmed)(1)
SUT0
4
Select start-up time
1 (unprogrammed)(1)
CKSEL3
3
Select Clock source
1 (unprogrammed)(2)
CKSEL2
2
Select Clock source
1 (unprogrammed)(2)
CKSEL1
1
Select Clock source
1 (unprogrammed)(2)
CKSEL0
0
Select Clock source
0 (programmed)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com