Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 240 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 240 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 236Page - ATMEL Corporation ATmega16U2 Datasheet HTML 237Page - ATMEL Corporation ATmega16U2 Datasheet HTML 238Page - ATMEL Corporation ATmega16U2 Datasheet HTML 239Page - ATMEL Corporation ATmega16U2 Datasheet HTML 240Page - ATMEL Corporation ATmega16U2 Datasheet HTML 241Page - ATMEL Corporation ATmega16U2 Datasheet HTML 242Page - ATMEL Corporation ATmega16U2 Datasheet HTML 243Page - ATMEL Corporation ATmega16U2 Datasheet HTML 244Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 314 page
background image
240
7799B–AVR–07/09
ATmega8U2/16U2/32U2
23.8.15
ATmega16U2 Boot Loader Parameters
In Table 23-11 through Table 23-13, the parameters used in the description of the Self-Programming are given.
(Page size = 64 words = 128 bytes)
Note:
1. The different BOOTSZ Fuse configurations are shown in Figure 23-2.
Note:
1. For details about these two section, see “NRWW – No Read-While-Write Section” on page 227 and “RWW – Read-While-
Write Section” on page 227.
Note:
1. Z0: should be zero for all SPM commands, byte select for the (E)LPM instruction.
See “Addressing the Flash During Self-Programming” on page 232 for details about the use of Z-pointer during Self-
Programming.
Table 23-11. Boot Size Configuration
(1)(Word Addresses)
1
1
256 words
4
0x0000 - 0x1EFF
0x1F00 - 0x1FFF
0x1EFF
0x1F00
1
0
512 words
8
0x0000 - 0x1DFF
0x1E00 - 0x1FFF
0x1DFF
0x1E00
0
1
1024 words
16
0x0000 - 0x1BFF
0x1C00 - 0x1FFF
0x1BFF
0x1C00
0
0
2048 words
32
0x0000 - 0x17FF
0x1800 - 0x1FFF
0x17FF
0x1800
Table 23-12. Read-While-Write Limit
(1)
Section
Pages
Address
Read-While-Write section (RWW)
96
0x0000 - 0x17FF
No Read-While-Write section (NRWW)
32
0x1800 - 0x1FFF
Table 23-13. Explanation of different variables used in Figure 23-4 and the mapping to the Z-pointer
Variable
Corresponding
Z-value
Description(1)
PCMSB
12
Most significant bit in the Program Counter. (The Program
Counter is 13 bits PC[12:0])
PAGEMSB
5
Most significant bit which is used to address the words within
one page (64 words in a page requires six bits PC [5:0]).
ZPCMSB
Z13
Bit in Z-pointer that is mapped to PCMSB. Because Z0 is not
used, the ZPCMSB equals PCMSB + 1.
ZPAGEMSB
Z6
Bit in Z-pointer that is mapped to PCMSB. Because Z0 is not
used, the ZPAGEMSB equals PAGEMSB + 1.
PCPAGE
PC[12:6]
Z13:Z7
Program Counter page address: Page select, for Page Erase
and Page Write
PCWORD
PC[5:0]
Z6:Z1
Program Counter word address: Word select, for filling
temporary buffer (must be zero during Page Write operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com