Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 222 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 222 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 218Page - ATMEL Corporation ATmega16U2 Datasheet HTML 219Page - ATMEL Corporation ATmega16U2 Datasheet HTML 220Page - ATMEL Corporation ATmega16U2 Datasheet HTML 221Page - ATMEL Corporation ATmega16U2 Datasheet HTML 222Page - ATMEL Corporation ATmega16U2 Datasheet HTML 223Page - ATMEL Corporation ATmega16U2 Datasheet HTML 224Page - ATMEL Corporation ATmega16U2 Datasheet HTML 225Page - ATMEL Corporation ATmega16U2 Datasheet HTML 226Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 314 page
background image
222
7799B–AVR–07/09
ATmega8U2/16U2/32U2
This register contains the number of received byte into the current bank of the selected end-
point. The content of this register is decremented after each write access to the endpoint data
register.
21.18.19 UEINT – USB Endpoint Number interrupt Register
• Bits 7:5 – Res: Reserved
The value read from these bits is always 0. Do not set these bits.
• Bits 4:0 – EPINT[4:0]: Endpoint Interrupts Bits
These flags are updated by the USB controller when a USB endpoint interrupt occurs (at least
one bit in UEINTX set). Each bit in this field indicates which endpoint number has generated a
USB endpoint interrupt request. Each one of these bits are independently cleared by hardware
when their respective interrupt source is served.
Bit
765
4
3
2
1
0
(0xF4)
-
-
-
EPINT4:0
UEINT
Read/Write
R
R
R
RRR
RR
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com