Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 196 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 196 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 192Page - ATMEL Corporation ATmega16U2 Datasheet HTML 193Page - ATMEL Corporation ATmega16U2 Datasheet HTML 194Page - ATMEL Corporation ATmega16U2 Datasheet HTML 195Page - ATMEL Corporation ATmega16U2 Datasheet HTML 196Page - ATMEL Corporation ATmega16U2 Datasheet HTML 197Page - ATMEL Corporation ATmega16U2 Datasheet HTML 198Page - ATMEL Corporation ATmega16U2 Datasheet HTML 199Page - ATMEL Corporation ATmega16U2 Datasheet HTML 200Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 314 page
background image
196
7799B–AVR–07/09
ATmega8U2/16U2/32U2
buffers.
• Bit 5:4 – UPDRV[1:0]: USB direct drive values
These bits are relevant only when one of the direct drive modes for USB is enable. When
UPWE[1:0] is 1:0 the values of these bits are output to USB.
The value written to UPDRV1 is output to D+.
The value written to UPDRV0 is output to D-.
• Bits 3:2 – Res: Reserved
These bits are reserved and should always read as zero.
• Bit 1 – DPI: D+ Input value
This bit is read only, the value read from this bit reflects the D+ pin (USB buffer). This bit is set
one by hardware if a one logic level is read on D+. This bit is set to zero by hardware if a zero
logic level is read on D+.
• Bit 0 – DMI: D- Input value
This bit is read only, the value read from this bit reflects the D- pin (USB buffer). This bit is set
one by hardware if a logic one is read on D-. This bit is set to zero by hardware if a logic zero
logic is read on D-.
20.10.3
REGCR – Regulator Control Register
• Bit 0 – REGDIS: Regulator Disable
Writing this bit to a logic one disables the internal 3.3V regulator. Writing this bit to a logic zero
enables the regulstor.
Table 20-2.
UPWE[I:0] Bits Settings
UPWE1
UPWE0
Mode
00
Direct drive is disabled.
01
Reserved
10
Direct drive of DP/DM (UPDRV[1:0] values)
11
Reserved
Bit
76543210
(0x63)
-------
REGDIS
REGCR
Read/Write
RRRRRRR
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com