Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2420 Datasheet(PDF) 5 Page - Linear Technology

No. de pieza LTC2420
Descripción Electrónicos  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2420 Datasheet(HTML) 5 Page - Linear Technology

  LTC2420 Datasheet HTML 1Page - Linear Technology LTC2420 Datasheet HTML 2Page - Linear Technology LTC2420 Datasheet HTML 3Page - Linear Technology LTC2420 Datasheet HTML 4Page - Linear Technology LTC2420 Datasheet HTML 5Page - Linear Technology LTC2420 Datasheet HTML 6Page - Linear Technology LTC2420 Datasheet HTML 7Page - Linear Technology LTC2420 Datasheet HTML 8Page - Linear Technology LTC2420 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
LTC2420
TYPICAL PERFOR A CE CHARACTERISTICS
Total Unadjusted Error (3V Supply)
Negative Input Extended Total
Unadjusted Error (3V Supply)
INPUT VOLTAGE (V)
0
2
6
10
2.0
2420 G01
–2
–6
0
4
8
–4
–8
–10
0.5
1.0
1.5
2.5
VCC = 3V
VREF = 2.5V
TA = –55°C, –45°C, 25°C, 90°C
INPUT VOLTAGE (V)
0
2
6
10
2.0
2420 G02
–2
–6
0
4
8
–4
–8
–10
0.5
1.0
1.5
2.5
VCC = 3V
VREF = 2.5V
TA = –55°C, –45°C, 25°C, 90°C
INPUT VOLTAGE (V)
0
–10
–6
–2
2
–0.05 –0.10 –0.15 –0.20
2420 G03
–0.25
10
–0.30
6
–8
–4
0
8
4
VCC = 3V
VREF = 2.5V
TA = 90°C
TA = 25°C
TA = –45°C
TA = –55°C
INL (3V Supply)
Positive Input Extended Total
Unadjusted Error (3V Supply)
INPUT VOLTAGE (V)
2.50
–10
–6
–2
2
2.55
2.60
2.65
2.70
2420 G04
2.75
10
2.80
6
–8
–4
0
8
4
VCC = 3V
VREF = 2.5V
TA = –55°C, –45°C, 25°C, 90°C
INPUT VOLTAGE (V)
0
2
6
10
4
2420 G05
–2
–6
0
4
8
–4
–8
–10
1
2
3
5
VCC = 5V
VREF = 5V
TA = –55°C, –45°C, 25°C, 90°C
Total Unadjusted Error (5V Supply)
INL (5V Supply)
INPUT VOLTAGE (V)
0
2
6
10
4
2420 G06
–2
–6
0
4
8
–4
–8
–10
1
2
3
5
VCC = 5V
VREF = 5V
TA = –55°C, –45°C, 25°C, 90°C
Negative Input Extended Total
Unadjusted Error (5V Supply)
INPUT VOLTAGE (V)
0
–10
–6
–2
2
–0.05 –0.10 –0.15 –0.20
2420 G07
–0.25
10
–0.30
6
–8
–4
0
8
4
VCC = 5V
VREF = 5V
TA = 90°C
TA = 25°C
TA = –55°C
TA = –45°C
Positive Input Extended Total
Unadjusted Error (5V Supply)
INPUT VOLTAGE (V)
5.00
–10
–6
–2
2
5.05
5.10
5.15
5.20
2420 G08
5.25
10
5.30
6
–8
–4
0
8
4
VCC = 5V
VREF = 5V
TA = –45°C
TA = –55°C
TA = 25°C
TA = 90°C
Offset Error vs Reference Voltage
REFERENCE VOLTAGE (V)
0
90
120
150
4
2420 G09
60
30
0
1
2
3
5
VCC = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com