Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2420 Datasheet(PDF) 25 Page - Linear Technology

No. de pieza LTC2420
Descripción Electrónicos  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2420 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2420 Datasheet HTML 21Page - Linear Technology LTC2420 Datasheet HTML 22Page - Linear Technology LTC2420 Datasheet HTML 23Page - Linear Technology LTC2420 Datasheet HTML 24Page - Linear Technology LTC2420 Datasheet HTML 25Page - Linear Technology LTC2420 Datasheet HTML 26Page - Linear Technology LTC2420 Datasheet HTML 27Page - Linear Technology LTC2420 Datasheet HTML 28Page - Linear Technology LTC2420 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25
LTC2420
APPLICATIO S I FOR ATIO
node VREF is small (CVREF < 0.01µF), the reference input
can tolerate large external resistances without reduction
in INL, see Figure 25. If the external capacitance is large
(CVREF > 0.01µF), the linearity will be degraded by
0.015ppm/
Ω independent of capacitance at VREF, see
Figure 26.
In addition to the dynamic reference current, the VREF ESD
protection diodes have a temperature dependent leakage
current. This leakage current, nominally 1nA (
±10nAmax),
results in a fixed full-scale shift of 10
µV for a 10k source
resistance.
ANTIALIASING
One of the advantages delta-sigma ADCs offer over con-
ventional ADCs is on-chip digital filtering. Combined with
a large oversampling ratio, the LTC2420 significantly
simplifies antialiasing filter requirements.
The digital filter provides very high rejection except at
integer multiples of the modulator sampling frequency
(fS), see Figure 27. The modulator sampling frequency is
256 • FO, where FO is the notch frequency (typically 50Hz
or 60Hz). The bandwidth of signals not rejected by the
digital filter is narrow (
≈0.2%)comparedtothebandwidth
of the frequencies rejected.
RESISTANCE AT VREF (Ω)
0
40
50
60
600
800
2420 F23
30
20
200
400
1000
10
0
–10
CVREF = 22µF
CVREF = 10µF
CVREF = 1µF
CVREF = 0.1µF
CVREF = 0.01µF
CVREF = 0.001µF
VCC = 5V
VREF = 5V
VIN = 5V
TA = 25°C
RESISTANCE AT VREF (Ω)
1
300
400
500
1k
10k
2420 F24
200
100
10
100
100k
0
–100
–200
VCC = 5V
VREF = 5V
VIN = 5V
TA = 25°C
CVREF = 0.01µF
CVREF = 100pF
CVREF = 1000pF
CVREF = 0pF
RESISTANCE AT VREF (Ω)
1
30
40
50
1k
10k
2420 F25
20
10
10
100
100k
0
–10
–20
VCC = 5V
VREF = 5V
TA = 25°C
CVREF = 0.01µF
CVREF = 1000pF
CVREF = 0pF
CVREF = 100pF
RESISTANCE AT VREF (Ω)
0
6
8
10
600
800
2420 F26
4
2
–2
–4
–6
–8
–10
200
400
1000
0
CVREF = 22µF
CVREF = 10µF
CVREF = 1µF
CVREF = 0.1µF
CVREF = 0.01µF
CVREF = 0.001µF
VCC = 5V
VREF = 5V
TA = 25°C
Figure 23. Full-Scale Error vs RVREF (Large C)
Figure 24. Full-Scale Error vs RVREF (Small C)
Figure 25. INL Error vs RVREF (Small C)
Figure 26. INL Error vs RVREF (Large C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com