Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2420 Datasheet(PDF) 31 Page - Linear Technology

No. de pieza LTC2420
Descripción Electrónicos  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2420 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC2420 Datasheet HTML 27Page - Linear Technology LTC2420 Datasheet HTML 28Page - Linear Technology LTC2420 Datasheet HTML 29Page - Linear Technology LTC2420 Datasheet HTML 30Page - Linear Technology LTC2420 Datasheet HTML 31Page - Linear Technology LTC2420 Datasheet HTML 32Page - Linear Technology LTC2420 Datasheet HTML 33Page - Linear Technology LTC2420 Datasheet HTML 34Page - Linear Technology LTC2420 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
31
LTC2420
TYPICAL APPLICATIO S
Single-Chip Instrumentation Amplifier
for the LTC2420
The circuit in Figure 37 is a simple solution for processing
differential signals in pressure transducer, weigh scale or
strain gauge applications that can operate on a supply
voltage range of
±5V to ±15V. The circuit uses an LT®1920
single-chip instrumentation amplifier to perform a differ-
ential to single-ended conversion. The amplifier’s output
voltage is applied to the LTC2420’s input and converted to
a digital value with an overall accuracy exceeding 17 bits
(0.0008%). Key circuit performance results are shown in
Table 5.
The practical gain range for this topology as shown is from
5 to 100 because the LTC2420’s wide dynamic range
makes gains below 5 virtually unnecessary, whereas gains
up to 100 significantly reduce the input referred noise.
The optional passive RC lowpass filter between the
amplifier’s output and the LTC2420’s input attenuates
high frequency noise and its effects. Typically, the filter
reduces the magnitude of averaged noise by 30% and
improves resolution by 0.5 bit without compromising
linearity. Resistor R2 performs two functions: it isolates
C1 from the LTC2420’s input and limits the LTC2420’s
input current should its input voltage drop below –300mV
or swing above VCC + 300mV.
The LT1920 is the choice for applications where low cost
is important. For applications where more precision is
required, the LT1167 is a pin-to-pin alternative choice with
a lower offset voltage, lower input bias current and higher
gain accuracy than the LT1920. The LT1920’s maximum
total input-referred offset (VOST) is 135µV for a gain of
100. At the same gain, the LT1167’s VOST is 63µV. At gains
of 10 or 100, the LT1920’s maximum gain error is 0.3%
and its maximum gain nonlinearity is 30ppm. At the same
gains, the LT1167’s maximum gain error is 0.1% and its
maximum gain nonlinearity is 15ppm. Table 6 summa-
rizes the performance of Figure 37’s circuit using the
LT1167.
Figure 37. The LT1920 is a Simple Solution That Converts a Differential Input
to a Ground Referred Single-Ended Signal for the LTC2420
VS+
VS–
7
2
1
8
3
4
6
VIN
+
VIN
RG
RG**
DIFFERENTIAL
INPUT
RG
3
2
1
††
*OPTIONAL—SEE TEXT
**RG = 49.4k/(AV – 1): USE 5.49k FOR AV = 10; 499Ω FOR AV = 100
USE SHORT LEAD LENGTHS
48
2420 F37
5
6
7
CHIP SELECT
SERIAL DATA OUT
SERIAL CLOCK
CS
SDO
SCK
0.1
µF
0.1
µF
5V
R1*
47
C1*
1
µF
SINGLE POINT
“STAR” GROUND
R2*
10k
0.1
µF
VIN
VREF
VREFIN
VCC
GND
LTC2420
FO
LT1920



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com