Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2420 Datasheet(PDF) 24 Page - Linear Technology

No. de pieza LTC2420
Descripción Electrónicos  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2420 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2420 Datasheet HTML 20Page - Linear Technology LTC2420 Datasheet HTML 21Page - Linear Technology LTC2420 Datasheet HTML 22Page - Linear Technology LTC2420 Datasheet HTML 23Page - Linear Technology LTC2420 Datasheet HTML 24Page - Linear Technology LTC2420 Datasheet HTML 25Page - Linear Technology LTC2420 Datasheet HTML 26Page - Linear Technology LTC2420 Datasheet HTML 27Page - Linear Technology LTC2420 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
LTC2420
APPLICATIO S I FOR ATIO
For large input capacitor values (CIN > 0.01µF), the input
spikes are averaged by the capacitor into a DC current. The
gain shift becomes a linear function of input source
resistance independent of input capacitance, see Figures
21 and 22. The equivalent input impedance is 16.6M
Ω.
This results in
±150nA of input dynamic current at the
extreme values of VIN (VIN = 0V and VIN = VREF, when
VREF = 5V). This corresponds to a 0.3ppm shift in offset
and full-scale readings for every 10
Ω of input source
resistance.
In addition to the input current spikes, the input ESD
protection diodes have a temperature dependent leakage
current. This leakage current, nominally 1nA (
±10nA
max), results in a fixed offset shift of 10
µV for a 10k source
resistance.
RSOURCE (Ω)
1
30
40
50
10k
2420 F19
20
10
0
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
CIN = 100pF
CIN = 1000pF
CIN = 0pF
CIN = 0.01µF
Figure 19. Offset vs RSOURCE (Small C)
Figure 20. Full-Scale Error vs RSOURCE (Small C)
Reference Current (VREF)
Similar to the analog input, the reference input has a
dynamic input current. This current has negligible effect
on the offset. However, the reference current at VIN = VREF
is similar to the input current at full-scale. For large values
of reference capacitance (CVREF > 0.01µF), the full-scale
error shift is 0.03ppm/
Ω of external reference resistance
independent of the capacitance at VREF, see Figure 23. If
the capacitance tied to VREF is small (CVREF < 0.01µF), an
input resistance of up to 80k (20pF parasitic capacitance
at VREF) may be tolerated, see Figure 24.
Unlike the analog input, the integral nonlinearity of the
device can be degraded with excessive external RC time
constants tied to the reference input. If the capacitance at
RSOURCE (Ω)
0
25
30
35
600
800
2420 F21
20
15
200
400
1000
10
5
0
CIN = 22µF
CIN = 10µF
CIN = 1µF
CIN = 0.1µF
CIN = 0.01µF
CIN = 0.001µF
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
RSOURCE (Ω)
0
–20
–15
–10
600
1000
2420 F22
–25
–30
–35
200
400
800
–5
0
5
CIN = 22µF
CIN = 10µF
CIN = 1µF
CIN = 0.1µF
CIN = 0.01µF
CIN = 0.001µF
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
Figure 21. Offset vs RSOURCE (Large C)
Figure 22. Full-Scale Error vs RSOURCE (Large C)
RSOURCE (Ω)
1
–50
–40
–30
–20
–10
0
10
10
100
1k
10k
2420 F20
100k
VCC = 5V
VREF = 5V
VIN = 5V
TA = 25°C
CIN = 0.01µF
CIN = 100pF
CIN = 1000pF
CIN = 0pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com