Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HD404618TF Datasheet(PDF) 19 Page - Renesas Technology Corp

No. de pieza HD404618TF
Descripción Electrónicos  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618TF Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HD404618TF Datasheet HTML 15Page - Renesas Technology Corp HD404618TF Datasheet HTML 16Page - Renesas Technology Corp HD404618TF Datasheet HTML 17Page - Renesas Technology Corp HD404618TF Datasheet HTML 18Page - Renesas Technology Corp HD404618TF Datasheet HTML 19Page - Renesas Technology Corp HD404618TF Datasheet HTML 20Page - Renesas Technology Corp HD404618TF Datasheet HTML 21Page - Renesas Technology Corp HD404618TF Datasheet HTML 22Page - Renesas Technology Corp HD404618TF Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
HD404618 Series
17
Interrupts
The MCU has six interrupt sources: two external signals (
INT
0 and INT1), three timer/counters (timers A,
B, and C), and serial interface (serial).
An interrupt request flag (IF), interrupt mask (IM), and vector address are provided for each interrupt
source, and an interrupt enable flag (IE) controls the entire interrupt process.
Interrupt Control Bits and Interrupt Servicing: Locations $000 through $003 in RAM space are
reserved for interrupt control bits which can be accessed by RAM bit manipulation instructions.
The interrupt request flag (IF) cannot be set by software. MCU reset initializes the interrupt enable flag
(IE) and the IF to 0 and the interrupt mask (IM) to 1.
Figure 7 is a block diagram of the interrupt control circuit. Table 2 lists interrupt priorities and vector
addresses, and table 3 lists the interrupt processing conditions for the six interrupt sources.
An interrupt request occurs when the IF is set to 1 and IM to 0. If the IE is 1 at that point, the interrupt is
processed. A priority programmable logic array (PLA) generates the vector address assigned to that
interrupt source.
Figure 8 shows the interrupt processing sequence, and figure 9 shows an interrupt processing flowchart.
After an interrupt is acknowledged, the previous instruction is completed in the first cycle. The IE is reset
in the second cycle, the carry flag, status flag, and program counter values are pushed onto the stack during
the second and third cycles, and the program jumps to the vector address to execute the instruction in the
third cycle.
Program the JMPL instruction at each vector address to branch the program to the start address of the
interrupt program, and reset the IF by a software instruction within the interrupt program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91