| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD404618TF Datasheet(PDF) 81 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404618TF Datasheet(HTML) 81 Page - Renesas Technology Corp |
|
81 / 91 page ![]() HD404618 Series 79 I/O Characteristics for High-Current Pins (HD404612, HD404614, HD404616, HD404618: V CC = 2.7 V to 6.0 V; HD4074618: V CC = 3.0 V to 5.5 V, GND = 0 V, T a = –20 to +75°C, unless otherwise specified) Item Symbol Pin(s) Min Typ Max Test Conditions Unit Notes Input high voltage V IH D 0–D 9 0.7V CC —V CC + 0.3 V Input low voltage V IL D 0–D 9 –0.3 — 0.3V CC V Output high voltage V OH D 0–D 9 V CC – 1.0 — –I OH = 0.5 mA V Pull-up MOS current –I PU D 0–D 9 540 90V CC = 3 V, V in = 0 V µA Output low voltage V OL D 0–D 9 — — 2.0 I OL = 15 mA V CC = 4.5 V to 6 V V — — 0.4 I OL = 0.4 mA V I/O leakage current |I IL|D0–D 9 —— 1 V in = 0 to VCC µA1 Note: 1. Output buffer current is excluded. LCD Circuit Characteristics (HD404612, HD404614, HD404616, HD404618: V CC = 2.7 V to 6.0 V; HD4074618: V CC = 3.0 V to 5.5 V, GND = 0 V, Ta = –20 to +75°C, unless otherwise specified) Item Symbol Pin(s) Min Typ Max Test Condition Unit Notes Segment driver voltage drop V ds SEG1– SEG32 — — 0.6 I d = 3 µAV 1 Common driver voltage drop V dc COM1– COM4 — — 0.3 I d = 3 µAV 1 LCD power supply division resistor R Well 100 300 900 Between V 1 and GND k Ω LCD voltage VLCD V 1 2.7 — V CC HD404612, HD404614, HD404616, HD404618 V2 3.0 — V CC HD4074618 V 2 Notes: 1. V DS and VDC are the voltage drops from power supply pins V1, V2, and V 3, and GND to each segment pin and each common pin. 2. When V LCD is supplied from an external source, the following relations must be retained: V CC ≥ V 1 ≥ V 2 ≥ V 3 ≥ GND |