| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD404618TF Datasheet(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404618TF Datasheet(HTML) 80 Page - Renesas Technology Corp |
|
80 / 91 page ![]() HD404618 Series 78 I/O Characteristics for Standard Pins (HD404612, HD404614, HD404616, HD404618: V CC = 2.7 V to 6.0 V; HD4074618: V CC = 3.0 V to 5.5 V, GND = 0.0 V, Ta = –20 to +75°C, unless otherwise specified) Item Symbol Pin(s) Min Typ Max Test Conditions Unit Notes Input high voltage V IH D 10–D 13, R0– R3 0.7V CC —V CC + 0.3 V Input low voltage V IL D 10–D 13, R0–R3 –0.3 — 0.3V CC V Output high voltage V OH R0–R3 V CC – 1.0 — — –I OH = 0.5 mA V Pull-up MOS current –I PU R0–R3 5 40 90 V CC = 3 V, V in = 0 V µA Output low voltage V OL R0–R3 — — 0.4 I OL = 0.4 mA V I/O leakage current |I IL|D11 to D13, R0 to R3 — — 1 HD404612, HD404614 HD404616, HD404618: V in = 0 V to VCC µA1 D 10 — — 20 HD4074618: V in = 0 V to VCC µA2 Input high voltage V IHA D 12, D13 (analog compare mode) VC ref+ 0.1 —— V Input low voltage V ILA D 12, D13 (analog compare mode) —— VC ref – 0.1 V Note: 1. Output buffer current is excluded. 2. The Max value for the HD404618, HD404616, HD404614, and HD404612 is 1 µA. |