Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7282T2 Datasheet(PDF) 61 Page - Sitronix Technology Co., Ltd.

No. de pieza ST7282T2
Descripción Electrónicos  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITRONIX [Sitronix Technology Co., Ltd.]
Página de inicio  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 61 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
ST7282T2
Version 1.2
Page 61 of 77
2016/03
12. FPC Application Circuit
12.1 RGB Mode Selection Table
RGB Mode
DCLK
HSYNC
VSYNC
DE
DR[0:7]
DG[0:7]
DB[0:7]
Parallel RGB SYNC-DE Mode
Input
Input
Input
Input
Input
Input
Input
Parallel RGB SYNC Mode
Input
Input
Input
DGND
Input
Input
Input
Parallel RGB DE Mode
Input
DGND
DGND
Input
Input
Input
Input
Serial RGB SYNC-DE Mode
Input
Input
Input
Input
DGND
Input
DGND
Serial RGB SYNC Mode
Input
Input
Input
DGND
DGND
Input
DGND
Serial RGB DE Mode
Input
DGND
DGND
Input
DGND
Input
DGND
Input: IC input pins are driven by system RGB interface signal.
12.2 Parallel RGB SYNC-DE Mode Reference Circuit
Panel ILB
FPC Pin Out
R13
0R
R4
0R
R14
0R
R5
0R
R18
0R
R3
0R
R15
0R
R8
0R
VDD
GND
VDIR
DCLKPOL
GND
GND
HDIR
GND
PARA_SERI
FPC Hardware Pin Setting Description
0
I/F select
PARA_SERI
Parallel 24-bit
1
0
DCLKPOL Polarity
Serial 8-bit
Negative
1
DCLKPOL
Postive
1
0
Gate Scan direction
G1->G544
G544->G1
VDIR
Source Scan direction
HDIR
1
0
S1->S720
S720->S1
VDD
VDD
VDD
C4
C5
C6
C1
C2
C3
TP8
1
TP9
1
VCC
GVCL
GVDD
VGSP
C7
C8
1uF/10V
VPP
Dotted block represent dummy component.
Note:
EXTC
TP2
1
CS
TP1
1
SCL
TP3
1
SDA
TP4
1
TP5
1
VDD
GND
R9
10K
GRB
Test Pad
GND
Power On Reset Circuit
Reserved Hardware Setting
TP6
1
TP7
1
Note:If unuse pin don't floating, The pin fix to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com