Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7282T2 Datasheet(PDF) 54 Page - Sitronix Technology Co., Ltd.

No. de pieza ST7282T2
Descripción Electrónicos  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITRONIX [Sitronix Technology Co., Ltd.]
Página de inicio  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 54 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
ST7282T2
Version 1.2
Page 54 of 77
2016/03
9.2.3 DC Characteristics for Analog Circuit
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
Positive High-voltage power
VGH
13
15
17.5
V
Negative High-voltage power
VGL
-11.5
-10
-7
V
Output Voltage Deviation
Vod
±35
±45
mV
Standby Current
Isc
50
uA
Operation Current
Ioc
20
mA
No Load,@
FR=60Hz
Note: LCD display quality will depend on panel loading characteristics, liquid crystal characteristics, and different temperature.
9.3 AC Characteristics
AC Electrical Characteristics (PVDD=VDD=VDDI= 3.3V, AGND= 0V, TA=25
C)
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
System operation timing
VDD power source slew time
TPOR
-
-
20
ms
From 0V to 99% VDD
GRB pulse width
tRSTW
10
50
-
us
R=10Kohm, C=1uF
Input/ Output timing
CLK pulse duty
Tcw
40
50
60
%
Hsync width
Thw
1
-
-
DCLK
Hsync period
Th
55
60
65
us
Vsync setup time
Tvst
12
-
-
ns
Vsync hold time
Tvhd
12
-
-
ns
Hsync setup time
Thst
12
-
-
ns
Hsync hold time
Thhd
12
-
-
ns
Data setup time
Tdsu
12
-
-
ns
Data hold time
Tdhd
12
-
-
ns
DE setup time
Tdest
10
-
-
ns
DE hold time
Tdehd
10
-
-
ns
SD output stable time
Tst
-
-
12
us
Output settled within
+20mV Loading =
6.8k+28.2pF.
GD output rise and fall time
Tgst
-
-
6
us
Output settled (5%~95%),
Loading = 4.7k+29.8pF
3-wire serial communication
Delay between CSB and Vsync
Tcv
1
us
CS input setup time
Ts0
50
ns
Serial data input setup time
Ts1
50
ns
CS input hold time
Th0
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com