Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX23L12854 Datasheet(PDF) 6 Page - Macronix International

No. de pieza MX23L12854
Descripción Electrónicos  128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L12854 Datasheet(HTML) 6 Page - Macronix International

Back Button MX23L12854 Datasheet HTML 2Page - Macronix International MX23L12854 Datasheet HTML 3Page - Macronix International MX23L12854 Datasheet HTML 4Page - Macronix International MX23L12854 Datasheet HTML 5Page - Macronix International MX23L12854 Datasheet HTML 6Page - Macronix International MX23L12854 Datasheet HTML 7Page - Macronix International MX23L12854 Datasheet HTML 8Page - Macronix International MX23L12854 Datasheet HTML 9Page - Macronix International MX23L12854 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
P/N: PM1141
REV. 1.1, MAY. 04, 2005
MX23L12854
INSTRUCTIONS
All instructions, addresses and data are shifted in and out
of the device, most significant bit first.
Serial Data Input (D) is sampled on the first rising edge of
Serial Clock (C) after Chip Select (S#) is driven Low. Then,
the one-byte instruction code must be shifted in to the
device, most significant bit first, on Serial Data Input (D),
each bit being latched on the rising edges of Serial Clock
(C).
The instruction set is listed in Table 1.
Table 1. Instruction Set
Every instruction sequence starts with a one-byte instruc-
tion code. Depending on the instruction, this might be
followed by address bytes, or by data bytes, or by both or
none.
In the case of a Read Data Bytes (READ), Read Data
Bytes at Higher Speed (Fast_Read), the shifted-in instruc-
tion sequence is followed by a data-out sequence. Chip
Select (S#) can be driven High after any bit of the data-out
sequence is being shifted out.
Instruction
Description
One-byte Instruction Code
Address
Bytes
Dummy
Bytes
Data
Bytes
READ
Read Data Bytes
0000 0011
03h
3
0
1 to
FAST_READ
Read Data Bytes at Higher Speed
0000 1011
0Bh
3
1
1 to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com