Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX23L12854 Datasheet(PDF) 8 Page - Macronix International

No. de pieza MX23L12854
Descripción Electrónicos  128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L12854 Datasheet(HTML) 8 Page - Macronix International

Back Button MX23L12854 Datasheet HTML 4Page - Macronix International MX23L12854 Datasheet HTML 5Page - Macronix International MX23L12854 Datasheet HTML 6Page - Macronix International MX23L12854 Datasheet HTML 7Page - Macronix International MX23L12854 Datasheet HTML 8Page - Macronix International MX23L12854 Datasheet HTML 9Page - Macronix International MX23L12854 Datasheet HTML 10Page - Macronix International MX23L12854 Datasheet HTML 11Page - Macronix International MX23L12854 Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
P/N: PM1141
REV. 1.1, MAY. 04, 2005
MX23L12854
Figure 5. Read Data Bytes at Higher Speed (FAST_READ) Instruction Sequence and Data-Out
Sequence
23
2
1
3456789 10
28 29 30 31
22 21
3210
High Impedance
Instruction
24 BIT ADDRESS
0
32 33 34
36 37 38 39 40 41 42 43 44 45 46
765432
0
1
DATA OUT 1
Dummy Byte
MSB
7
6543210
DATA OUT 2
MSB
MSB
7
47
765432
0
1
35
C
D
S#
Q
C
D
S#
Q
Read Data Bytes at Higher Speed (FAST_READ)
The device is first selected by driving Chip Select (S#)
Low. The instruction code for the Read Data Bytes at
Higher Speed (FAST_READ) instruction is followed by a 3-
byte address (A23-A0) and a dummy byte, each bit being
latched-in during the rising edge of Serial Clock (C). Then
the memory contents, at that address, is shifted out on
Serial Data Output (Q), each bit being shifted out, at a
maximum frequency fC, during the falling edge of Serial
Clock (C).
The instruction sequence is shown in Figure 5. The first
byte addressed can be at any location. The address is
automatically incremented to the next higher address after
each byte of data is shifted out. The whole memory can,
therefore, be read with a single Read Data Bytes at Higher
Speed (FAST_READ) instruction. When the highest ad-
dress is reached, the address counter rolls over to 000000h,
allowing the read sequence to be continued indefinitely.
The Read Data Bytes at Higher Speed (FAST_READ)
instruction is terminated by driving Chip Select (S#) High.
Chip Select (S#) can be driven High at any time during data
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com