Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX23L12854 Datasheet(PDF) 9 Page - Macronix International

No. de pieza MX23L12854
Descripción Electrónicos  128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L12854 Datasheet(HTML) 9 Page - Macronix International

Back Button MX23L12854 Datasheet HTML 5Page - Macronix International MX23L12854 Datasheet HTML 6Page - Macronix International MX23L12854 Datasheet HTML 7Page - Macronix International MX23L12854 Datasheet HTML 8Page - Macronix International MX23L12854 Datasheet HTML 9Page - Macronix International MX23L12854 Datasheet HTML 10Page - Macronix International MX23L12854 Datasheet HTML 11Page - Macronix International MX23L12854 Datasheet HTML 12Page - Macronix International MX23L12854 Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
P/N: PM1141
REV. 1.1, MAY. 04, 2005
MX23L12854
POWER-UP AND POWER-DOWN
At Power-up and Power-down, the device must not be
selected (that is Chip Select (S#) must follow the voltage
applied on VCC ) until VCC reaches the correct value:
- VCC(min) at Power-up, and then for a further delay of
tVSL
- VSS at Power-down
Usually a simple pull-up resistor on Chip Select (S#) can
be used to insure safe and proper Power-up and Power-
down.
To avoid data corruption and inadvertent write operations
during power up, a Power On Reset (POR) circuit is
included. The logic inside the device is held reset while
VCC is less than the POR threshold value, VWI -- all
operations are disabled, and the device does not respond
to any instruction.
These values are specified in Table 2.
Figure 6. Power-up Timing
If the delay, tVSL, has elapsed, after VCC has risen
above VCC (min), the device can be selected for READ
instructions even if the tPUW delay is not yet fully
elapsed.
At Power-up, the device is in the following state:
- The device is in the Standby mode.
Normal precautions must be taken for supply rail
decoupling, to stablise the VCC feed. Each device in a
system should have the VCC rail decoupled by a suitable
capacitor close to the package pins.
(Generally, this capacitor is of the order of 0.1uF).
At Power-down, when VCC drops from the operating
voltage, to below the POR threshold value, VWI , all
operations are disabled and the device does not respond
to any instruction.
VCC
VCC(min)
VWI
Reset State
of the
Device
Chip Selection Not Allowed
tVSL
tPUW
time
Read Access allowed
Device fully
accessible
VCC(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com