Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX23L12854 Datasheet(PDF) 1 Page - Macronix International

No. de pieza MX23L12854
Descripción Electrónicos  128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L12854 Datasheet(HTML) 1 Page - Macronix International

  MX23L12854 Datasheet HTML 1Page - Macronix International MX23L12854 Datasheet HTML 2Page - Macronix International MX23L12854 Datasheet HTML 3Page - Macronix International MX23L12854 Datasheet HTML 4Page - Macronix International MX23L12854 Datasheet HTML 5Page - Macronix International MX23L12854 Datasheet HTML 6Page - Macronix International MX23L12854 Datasheet HTML 7Page - Macronix International MX23L12854 Datasheet HTML 8Page - Macronix International MX23L12854 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
MX23L12854
128M-BIT Low Voltage, Serial Mask ROM Memory with
50MHz SPI Bus Interface
FEATURES
128Mbit of Mask ROM
3.0 to 3.6V Single Supply Voltage
SPI Bus Compatible Serial Interface
50MHz Clock Rate (maximum)
DESCRIPTION
The MX23L12854 is a 128Mbit (16M x 8) Serial Mask ROM
accessed by a high speed SPI-compatible bus.
PIN CONFIGURATIONS
SYMBOL
DESCRIPTION
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S#
Chip Select
HOLD#
Hold
VCC
Supply Voltage
VSS
Ground
PIN DESCRIPTION
16-PIN SOP (300 mil)
1
2
3
4
5
6
7
8
HOLD#
VCC
NC
NC
NC
NC
S#
Q
16
15
14
13
12
11
10
9
C
D
NC
NC
NC
NC
VSS
NC
Note:
1. NC=No Connection
2. See page 16 (onwards) for package dimensions, and
how to identify pin-1.
P/N: PM1141
REV. 1.1, MAY. 04, 2005
ORDER INFORMATION
Part No.
Speed
Package
Remark
MX23L12854MC-20G
20ns
16-SOP
Pb-free


Número de pieza similar - MX23L12854

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX23L12810 MCNIX-MX23L12810 Datasheet
178Kb / 6P
128M-BIT (8M x 16) MASK ROM (SOP ONLY)
MX23L12810-1 MCNIX-MX23L12810-1 Datasheet
589Kb / 8P
NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM FOR TSOP PACKAGE
MX23L12810A MCNIX-MX23L12810A Datasheet
179Kb / 6P
128M-BIT PAGE MODE MASK ROM (SOP)
MX23L12810AMC-10G MCNIX-MX23L12810AMC-10G Datasheet
179Kb / 6P
128M-BIT PAGE MODE MASK ROM (SOP)
MX23L12810AMC-12G MCNIX-MX23L12810AMC-12G Datasheet
179Kb / 6P
128M-BIT PAGE MODE MASK ROM (SOP)
More results

Descripción similar - MX23L12854

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX23L1654 MCNIX-MX23L1654 Datasheet
208Kb / 18P
16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
MX23L3254 MCNIX-MX23L3254 Datasheet
208Kb / 18P
32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
MX23L6454 MCNIX-MX23L6454 Datasheet
208Kb / 18P
64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S016 NUVOTON-N55S016 Datasheet
492Kb / 17P
16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
N55S064 NUVOTON-N55S064 Datasheet
196Kb / 17P
64M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L080A GENERALPLUS-GPR26L080A Datasheet
287Kb / 17P
8M-BIT Low Voltage, Serial Mask ROM with 50MHz SPI Bus Interface
GPR26L128A GENERALPLUS-GPR26L128A Datasheet
307Kb / 16P
128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
GPR26L160A GENERALPLUS-GPR26L160A Datasheet
256Kb / 16P
16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
GPR26L320A GENERALPLUS-GPR26L320A Datasheet
274Kb / 16P
32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
GPR26L640A GENERALPLUS-GPR26L640A Datasheet
299Kb / 16P
64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com