Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX23L12854 Datasheet(PDF) 4 Page - Macronix International

No. de pieza MX23L12854
Descripción Electrónicos  128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L12854 Datasheet(HTML) 4 Page - Macronix International

  MX23L12854 Datasheet HTML 1Page - Macronix International MX23L12854 Datasheet HTML 2Page - Macronix International MX23L12854 Datasheet HTML 3Page - Macronix International MX23L12854 Datasheet HTML 4Page - Macronix International MX23L12854 Datasheet HTML 5Page - Macronix International MX23L12854 Datasheet HTML 6Page - Macronix International MX23L12854 Datasheet HTML 7Page - Macronix International MX23L12854 Datasheet HTML 8Page - Macronix International MX23L12854 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
P/N: PM1141
REV. 1.1, MAY. 04, 2005
MX23L12854
SPI MODES
These devices can be driven by a microcontroller with its
SPI peripheral running in either of the two following modes:
- CPOL=0, CPHA=0
- CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising
edge of Serial Clock (C), and output data is available from
the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure
2, is the clock polarity when the bus master is in Stand-by
mode and not transferring data:
- C remains at 0 for (CPOL=0, CPHA=0)
- C remains at 1 for (CPOL=1, CPHA=1)
Figure 1. Bus Master and Memory Devices on the SPI Bus
Note: 1. Hold (HOLD#) signals should be driven, High or Low as appropriate.
Figure 2. SPI Modes Supported
Bus Master
(ST6, ST7, ST9,
ST10, Others)
SPI Memory
Device
SDO
SDI
SCK
CQD
SPI Memory
Device
CQD
SPI Memory
Device
CQD
S#
CS3
CS2
CS1
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
HOLD#
S#
HOLD#
S#
HOLD#
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com