Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5222-DS00-R Datasheet(PDF) 75 Page - Broadcom Corporation.

No. de pieza 5222-DS00-R
Descripción Electrónicos  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOARDCOM [Broadcom Corporation.]
Página de inicio  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS00-R Datasheet(HTML) 75 Page - Broadcom Corporation.

Back Button 5222-DS00-R Datasheet HTML 68Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 69Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 70Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 71Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 72Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 73Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 74Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 75Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 76Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 75 / 76 page
background image
Preliminary Data Sheet
BCM5222
7/20/04
Broadcom Corporation
Document 5222-DS02-405-R
Ordering Information
Page 63
Section 10: Ordering Information
Part Number
Package
Ambient Temperature
BCM5222KQM
100-MQFP, 14 mm x 20 mm
-40
° to 85° C -40° to 185° F
BCM5222KPFa
a. Contact Broadcom sales department for availability.
100-FBGA, 9 mm x 9 mm
-40
° to 85° 5222-DS02-405-RC -40° to 185° F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76