| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
5222-DS00-R Datasheet(PDF) 32 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5222-DS00-R Datasheet(HTML) 32 Page - Broadcom Corporation. |
|
32 / 76 page ![]() BCM5222 Preliminary Data Sheet 7/20/04 Broadcom Corporation Page 20 MII Status Register Document 5222-DS02-405-R MII STATUS REGISTER The MII status register bit descriptions are shown in Table 8. 100BASE-T4 CAPABILITY The BCM5222 is not capable of 100BASE-T4 operation, and returns a 0 when bit 15 of the status register is read. 100BASE-TX FULL-DUPLEX CAPABILITY The BCM5222 is capable of 100BASE-TX full-duplex operation, and returns a 1 when bit 14 of the Status register is read. 100BASE-TX HALF-DUPLEX CAPABILITY The BCM5222 is capable of 100BASE-TX half-duplex operation, and returns a 1 when bit 13 of the Status register is read. 10BASE-T FULL-DUPLEX CAPABILITY The BCM5222 is capable of 10BASE-T full-duplex operation, and returns a 1 when bit 12 of the Status register is read. Table 8: MII Status Register (Address 00001B, 01d, 01h) Bit Name R/W Description Default 15 100BASE-T4 Capability RO 0 = Not 100BASE-T4 capable 0 14 100BASE-TX FDX Capability RO 1 = 100BASE-TX full-duplex capable 1 13 100BASE-TX Capability RO 1 = 100BASE-TX half-duplex capable 1 12 10BASE-T FDX Capability RO 1 = 10BASE-T full-duplex capable 1 11 10BASE-T Capability RO 1 = 10BASE-T half-duplex capable 1 10:7 Reserved RO Ignore when read Ignore when read 0 6 MF Preamble Suppression R/W 1 = Preamble may be suppressed 0 = Preamble always required 0 5 Auto-Negotiation Complete RO 1 = Auto-negotiation process completed 0 = Auto-negotiation process not completed 0 4 Remote Fault RO 1 = Far-end fault condition detected 0 = No far-end fault condition detected 0 3 Auto-Negotiation Capability RO 1 = Auto-negotiation capable 1 2 Link Status RO LL 1 = Link is up (link pass state) 0 = Link is down (link fail state) 0 1 Jabber Detect RO LL 1 = Jabber condition detected 0 = No jabber condition detected 0 0 Extended Capability RO 1 = Extended register capable 1 Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = latched low, LH = latched high (LL and LH are cleared after read operation) |