Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5222-DS00-R Datasheet(PDF) 35 Page - Broadcom Corporation.

No. de pieza 5222-DS00-R
Descripción Electrónicos  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOARDCOM [Broadcom Corporation.]
Página de inicio  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS00-R Datasheet(HTML) 35 Page - Broadcom Corporation.

Back Button 5222-DS00-R Datasheet HTML 31Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 32Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 33Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 34Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 35Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 36Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 37Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 38Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 39Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
Preliminary Data Sheet
BCM5222
7/20/04
Broadcom Corporation
Document 5222-DS02-405-R
Auto-Negotiation Advertisement Register
Page 23
NEXT PAGE
Writing a 1 to bit 15 of the Advertisement register enables the next page functioning. Writing a 0 to this bit or resetting the
chip clears the next page enable bit. This bit returns the value last written to it, or else 0 if no write has been completed since
the last chip reset.
RESERVED BITS
Ignore output when read.
REMOTE FAULT
Writing a 1 to bit 13 of the Advertisement register causes a remote fault indicator to be sent to the link partner during auto-
negotiation. Writing a 0 to this bit or resetting the chip clears the remote fault transmission bit. This bit returns the value last
written to it, or else 0 if no write has been completed since the last chip reset.
RESERVED BITS
Ignore output when read.
PAUSE
Pause operation for full-duplex links. The use of this bit is independent of the negotiated data rate, medium, or link
technology. The setting of this bit indicates the availability of additional DTE capability when full-duplex operation is in use.
This bit is used by one MAC to communicate pause capability to its link partner and has no effect on PHY operation.
ADVERTISEMENT BITS
Use bits 9:5 of the Advertisement register to customize the ability information transmitted to the link partner. The default
value for each bit reflects the abilities of the BCM5222. By writing a 1 to any of the bits, the corresponding ability can be
transmitted to the link partner. Writing a 0 to any bit causes the corresponding ability to be suppressed from transmission.
Resetting the chip restores the default bit values. Reading the register returns the values last written to the corresponding
bits, or else the default values if no write has been completed since the last chip reset.
SELECTOR FIELD
Bits 4:0 of the Advertisement register contain the value 00001, indicating that the chip belongs to the 802.3 class of PHY
transceivers.
5
Advertise 10BASE-T
R/W
1 = Advertise 10BASE-T
1
4:0
Advertise Selector Field
R/W
Indicates 802.3
00001
Table 10: Auto-Negotiation Advertisement Register (Address 04d, 04h) (Cont.)
Bit
Name
R/W
Description
Default
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76