| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F732ICY6 Datasheet(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICY6 Datasheet(HTML) 70 Page - STMicroelectronics |
|
70 / 122 page ![]() - - 88 K15 107 - K15 J11 90 109 PG3 I/O FT - FMC_A13, EVENTOUT - - - 89 K14 108 - K14 J10 91 110 PG4 I/O FT - FMC_A14/FMC_BA0, EVENTOUT - - - 90 K13 109 - K13 H12 92 111 PG5 I/O FT - FMC_A15/FMC_BA1, EVENTOUT - - - 91 J15 110 - - - - - PG6 I/O FT - EVENTOUT - - - 92 J14 111 - - - - - PG7 I/O FT - USART6_CK, FMC_INT, EVENTOUT - - - 93 H14 112 - H14 G11 93 112 PG8 I/O FT - USART6_RTS, FMC_SDCLK, EVENTOUT - - - 94 G12 113 - G12 - 94 113 VSS S - - - - -- F10 - - VDD - - 95 H13 114 K1 H13 C11 95 114 VDDUSB S - - - - 37 63 96 H15 115 E1 H15 G12 96 115 PC6 I/O FT - TIM3_CH1, TIM8_CH1, I2S2_MCK, USART6_TX, SDMMC2_D6, SDMMC1_D6, EVENTOUT - Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |