| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F732ICY6 Datasheet(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICY6 Datasheet(HTML) 63 Page - STMicroelectronics |
|
63 / 122 page ![]() 22 30 42 P3 52 G6 P3 L3 42 52 PA6 I/O FT (5) TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO, TIM13_CH1, EVENTOUT ADC1_IN6, ADC2_IN6 23 31 43 R3 53 K7 R3 M3 43 53 PA7 I/O FT (5) TIM1_CH1N, TIM3_CH2, TIM8_CH1N, SPI1_MOSI/I2S1_SD, TIM14_CH1, FMC_SDNWE, EVENTOUT ADC1_IN7, ADC2_IN7 24 32 44 N5 54 H6 N5 J4 44 54 PC4 I/O FT (5) I2S1_MCK, FMC_SDNE0, EVENTOUT ADC1_IN14, ADC2_IN14 - 33 45 P5 55 J6 P5 K4 45 55 PC5 I/O FT (5) FMC_SDCKE0, EVENTOUT ADC1_IN15, ADC2_IN15 25 34 46 R5 56 F5 R5 L4 46 56 PB0 I/O FT (4) (5) TIM1_CH2N, TIM3_CH3, TIM8_CH2N, UART4_CTS, OTG_HS_ULPI_D1, EVENTOUT ADC1_IN8, ADC2_IN8 26 35 47 R4 57 G5 R4 M4 47 57 PB1 I/O FT (4) (5) TIM1_CH3N, TIM3_CH4, TIM8_CH3N, OTG_HS_ULPI_D2, EVENTOUT ADC1_IN9, ADC2_IN9 Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |