| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F732ICY6 Datasheet(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICY6 Datasheet(HTML) 66 Page - STMicroelectronics |
|
66 / 122 page ![]() 28 46 69 R12 79 G3 R12 M9 69 79 PB10 I/O FT (4) TIM2_CH3, I2C2_SCL, SPI2_SCK/I2S2_CK, USART3_TX, OTG_HS_ULPI_D3, EVENTOUT - 29 47 70 R13 80 H3 R13 M10 70 80 PB11 I/O FT (4) TIM2_CH4, I2C2_SDA, USART3_RX, OTG_HS_ULPI_D4, EVENTOUT - 30 48 71 M10 81 J3 M10 H7 71 81 VCAP_1 S - - - - 31 49 - - - K3 - - - - VSS S - - - - 32 50 72 N10 82 K2 N10 G7 72 82 VDD S - - - - - - - M11 83 - M11 - - 83 PH6 I/O FT - I2C2_SMBA, SPI5_SCK, TIM12_CH1, FMC_SDNE1, EVENTOUT - - - - N12 84 - N12 - - 84 PH7 I/O FT - I2C3_SCL, SPI5_MISO, FMC_SDCKE1, EVENTOUT - - - - M12 85 - M12 - - 85 PH8 I/O FT - I2C3_SDA, FMC_D16, EVENTOUT - - - - M13 86 - M13 - - 86 PH9 I/O FT - I2C3_SMBA, TIM12_CH2, FMC_D17, EVENTOUT - Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |