| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F732ICY6 Datasheet(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICY6 Datasheet(HTML) 60 Page - STMicroelectronics |
|
60 / 122 page ![]() 8 15 26 M2 32 F8 M2 H12632 PC0 I/O FT (4) (5) SAI2_FS_B, OTG_HS_ULPI_STP, FMC_SDNWE, EVENTOUT ADC1_IN10, ADC2_IN10, ADC3_IN10 9 16 27 M3 33 H9 M3 H22733 PC1 I/O FT (5) TRACED0, SPI2_MOSI/I2S2_SD, SAI1_SD_A, EVENTOUT ADC1_IN11, ADC2_IN11, ADC3_IN11, RTC_TAMP3, WKUP3 10 17 28 M4 34 J10 M4 H3 28 34 PC2 I/O FT (4) (5) SPI2_MISO, OTG_HS_ULPI_DIR, FMC_SDNE0, EVENTOUT ADC1_IN12, ADC2_IN12, ADC3_IN12 11 18 29 M5 35 F7 M5 H4 29 35 PC3 I/O FT (4) (5) SPI2_MOSI/I2S2_SD, OTG_HS_ULPI_NXT, FMC_SDCKE0, EVENTOUT ADC1_IN13, ADC2_IN13, ADC3_IN13 -- 30 - 36 J7 - F10 30 36 VDD S - - - - 12 19 31 M1 37 K10 M1 J1 31 37 VSSA S - - - - -- - N1 - - N1 K1 - - VREF- S - - - - 13 20 32 P1 38 J9 P1 L1 32 38 VREF+ S - - - - Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |