| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC56EL70L5 Datasheet(PDF) 92 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL70L5 Datasheet(HTML) 92 Page - STMicroelectronics |
|
92 / 128 page ![]() Electrical characteristics SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5 92/128 DocID023953 Rev 5 3.13 FMPLL electrical characteristics Table 23. FMPLL electrical characteristics Symbol Parameter Conditions Min Typ Max Unit fREF_CRYSTAL fREF_EXT D FMPLL reference frequency range(1) Crystal reference 4 — 40 MHz fPLL_IN D Phase detector input frequency range (after pre- divider) —4 — 16 MHz fFMPLLOUT D Clock frequency range in normal mode — 4 — 120(2) MHz fFREE P Free running frequency Measured using clock division (typically 16) 20 — 150 MHz fsys DOn-chip FMPLL frequency(2) —16 — 120 MHz tCYC D System clock period — — — 1 / fsys ns fLORL fLORH D Loss of reference frequency window(3) Lower limit 1.6 — 3.7 MHz Upper limit 24 — 56 fSCM D Self-clocked mode frequency(4),(5) —20 — 150 MHz tLOCK P Lock time Stable oscillator (fPLLIN = 4 MHz), stable VDD —— 200 µs tlpll D FMPLL lock time (6), (7) —— — 200 s tdc D Duty cycle of reference —40 — 60 % CJITTER T CLKOUT period jitter(8),(9),(10),(11) Long-term jitter (avg. over 2 ms interval), fFMPLLOUT maximum –6 — 6 ns t PKJIT T Single period jitter (peak to peak) PHI @ 120 MHz, Input clock @ 4 MHz —— 175 ps PHI @ 100 MHz, Input clock @ 4 MHz —— 185 ps PHI @ 80 MHz, Input clock @ 4 MHz —— 200 ps t LTJIT T Long term jitter PHI @ 16 MHz, Input clock @ 4 MHz —— ±6 ns fLCK D Frequency LOCK range — –6 — 6 % fFMPLLOUT fUL D Frequency un-LOCK range — –18 — 18 % fFMPLLOUT fCS fDS D Modulation depth Center spread ±0.25 — ±2.0 % fFMPLLOUT Down spread –0.5 — -8.0 fMOD D Modulation frequency(12) —— — 100 KHz 1. Considering operation with FMPLL not bypassed. 2. With FM; the value does not include a possible +2% modulation 3. “Loss of Reference Frequency” window is the reference frequency range outside of which the FMPLL is in self clocked mode. |