| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC56EL70L5 Datasheet(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL70L5 Datasheet(HTML) 89 Page - STMicroelectronics |
|
89 / 128 page ![]() DocID023953 Rev 5 89/128 SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5 Electrical characteristics 127 IDD_LV_STOP T Operating current in VDD STOP mode TJ = 25 C VDD_LV_COR = 1.32 V —— 25 mA TTJ = 55 C VDD_LV_COR = 1.32 V —— 53 PTJ = 150 C VDD_LV_COR = 1.32 V —— 115 IDD_LV_HALT T Operating current in VDD HALT mode TJ = 25 C VDD_LV_COR = 1.32 V —— 30 mA TTJ = 55 C VDD_LV_COR = 1.32 V —— 71 PTJ = 150 C VDD_LV_COR = 1.32 V — — 125 IDD_HV_ADC(3),(4) T Operating current TJ = 150 C 120 MHz ADC operating at 60 MHz VDD_HV_ADC = 3.6 V —— 11 mA IDD_HV_AREF(4) T Operating current TJ = 150 C 120 MHz ADC operating at 60 MHz VDD_HV_REF = 3.6 V —— 4 mA TJ = 150 C 120 MHz ADC operating at 60 MHz VDD_HV_REF = 5.5 V —— 6 IDD_HV_OSC (oscillator bypass mode) T Operating current TJ = 150 C 3.3 V supplies 120 MHz — — 900 µA IDD_HV_OSC (crystal oscillator mode) D Operating current TJ = 150 C 3.3 V supplies 120 MHz —— 3.5 mA IDD_HV_FLASH(5) T Operating current TJ = 150 C 3.3 V supplies 120 MHz —— 4 mA IDD_HV_PMU T Operating current TJ = 150 C 3.3 V supplies 120 MHz —— 10 mA 1. Devices configured for DPM mode, single core only with Core 0 executing typical code at 120 MHz from SRAM and Core 1 in reset. If core execution mode not specified, the device is configured for LSM mode with both cores executing typical code at 120 MHz from SRAM. 2. Enabled Modules in 'Typical mode': FlexPWM0, ETimer0/1/2, CTU, SWG, DMA, FlexCAN0/1, LINFlex, ADC1, DSPI0/1, PIT, CRC, PLL0/1, I/O supply current excluded 3. Internal structures hold the input voltage less than VDDA + 1.0 V on all pads powered by VDDA supplies, if the maximum injection current specification is met and VDDA is within the operating voltage specifications. 4. This value is the total current for both ADCs. 5. VFLASH is only available in the calibration package. Table 20. Current consumption characteristics (continued) Symbol Parameter Conditions(1) Min Typ Max Unit |