| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC56EL70L5 Datasheet(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL70L5 Datasheet(HTML) 91 Page - STMicroelectronics |
|
91 / 128 page ![]() DocID023953 Rev 5 91/128 SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5 Electrical characteristics 127 Figure 7. Main oscillator electrical characteristics × VXOSCHSOP TXOSCHSSU VXTAL VXOSCHS valid internal clock 90% 10% 1/fXOSCHS MTRANS 1 0 Table 22. Main oscillator electrical characteristics Symbol Parameter Conditions(1) Value Unit Min Typ Max fXOSCHS SR Oscillator frequency — 4.0 — 40.0 MHz gmXOSCHS P Oscillator transconductance VDD = 3.3 V ±10% 4.5 — 13.25 mA/V VXOSCHS D Oscillation amplitude fOSC = 4, 8, 10, 12, 16 MHz 1.3 — — V fOSC = 40 MHz 1.1 — — VXOSCHSOP D Oscillation operating point —— 0.82 — V IXOSCHS D Oscillator consumption — — — 3.5 mA TXOSCHSSU T Oscillator start-up time fOSC = 4, 8, 10, 12 MHz(2) —— 6 ms fOSC = 16, 40 MHz(2) —— 2 VIH SR Input high level CMOS Schmitt Trigger Oscillator bypass mode 0.65 × VDD —VDD + 0.4 V VIL SR Input low level CMOS Schmitt Trigger Oscillator bypass mode –0.4 — 0.35 × VDD V 1. VDD = 3.3 V ±10%, TJ = –40 to +150 °C, unless otherwise specified. 2. The recommended configuration for maximizing the oscillator margin are: XOSC_MARGIN = 0 for 4 MHz quartz XOSC_MARGIN = 1 for 8/16/40 MHz quartz |