Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPC56EL70L5 Datasheet(PDF) 56 Page - STMicroelectronics

No. de pieza SPC56EL70L5
Descripción Electrónicos  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L5 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button SPC56EL70L5 Datasheet HTML 52Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 53Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 54Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 55Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 56Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 57Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 58Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 59Page - STMicroelectronics SPC56EL70L5 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
Package pinouts and signal descriptions
SPC56EL70L3, SPC56EL70L5,PC564L70L3,
56/128
DocID023953 Rev 5
2.3
System pins
VSS 1V2
VSS_LV_COR
Decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VDD_LV_COR pin.
93
132
VDD 1V2
VDD_LV_COR /
Decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VDD_LV_COR pin.
—135
VSS 1V2
VSS_LV_COR /
Decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VDD_LV_COR pin.
—137
Table 5. Supply pins (continued)
Supply
Pin #
Symbol
Description
100
Pkg
144
Pkg
Table 6. System pins
Symbol
Description
Direction
Pin #
100
pkg
144
pkg
Dedicated pins
MDO0(1)
Nexus Message Data Output — line
Output only
—
9
NMI(2)
Non Maskable Interrupt
Input only
1
1
XTAL
Input for oscillator amplifier circuit and internal clock generator
Input only
18
29
EXTAL(3)
Oscillator amplifier output
Input/Output(4)
19
30
TMS(2)
JTAG state machine control
Input only
59
87
TCK(2)
JTAG clock
Input only
60
88
JCOMP(5)
JTAG compliance select
Input only
84
123
Reset pin
RESET
Bidirectional reset with Schmitt-Trigger characteristics and noise
filter. This pin has medium drive strength. Output drive is open drain
and must be terminated by an external resistor of value 1KOhm.(6)
Bidirectional
20
31
Test pin
VPP TEST
Pin for testing purpose only. To be tied to ground in normal operating
mode.
74
107
1. This pad is configured for Fast (F) pad speed.
2. This pad contains a weak pull-up.
3. EXTAL is an "Output" in "crystal" mode, and is an "Input" in "ext clock" mode.
4. In XOSC Bypass Mode, the analog portion of crystal oscillator (amplifier) is disabled. An external clock can be applied at
EXTAL as an input. In XOSC Normal Mode, EXTAL is an output
5. This pad contains a weak pull-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More