| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F334X4 Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F334X4 Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 115 page ![]() Pinout and pin descriptions STM32F334x4 STM32F334x6 STM32F334x8 34/115 DocID025409 Rev 5 - - 8 PC0 I/O TTa EVENTOUT, TIM1_CH1 ADC12_IN6 - - 9 PC1 I/O TTa EVENTOUT, TIM1_CH2 ADC12_IN7 - - 10 PC2 I/O TTa EVENTOUT, TIM1_CH3 ADC12_IN8 - - 11 PC3 I/O TTa EVENTOUT, TIM1_CH4, TIM1_BKIN2 ADC12_IN9 - 8 12 VSSA/VREF- S - Analog ground/Negative reference voltage 5 9 13 VDDA/VREF+ S - Analog power supply/Positive reference voltage 6 10 14 PA0 I/O TTa TIM2_CH1/ TIM2_ETR, TSC_G1_IO1, USART2_CTS, EVENTOUT ADC1_IN1(2), RTC_TAMP2/WKUP1 7 11 15 PA1 I/O TTa TIM2_CH2, TSC_G1_IO2, USART2_RTS_DE, TIM15_CH1N, EVENTOUT ADC1_IN2(2), RTC_REFIN 8 12 16 PA2 I/O TTa TIM2_CH3, TSC_G1_IO3, USART2_TX, COMP2_OUT, TIM15_CH1, EVENTOUT ADC1_IN3(2), COMP2_INM 9 13 17 PA3 I/O TTa TIM2_CH4, TSC_G1_IO4, USART2_RX, TIM15_CH2, EVENTOUT ADC1_IN4(2) -- 18 VSS S - - - -- 19 VDD S - - - 10 14 20 PA4(3) I/O TTa TIM3_CH2, TSC_G2_IO1, SPI1_NSS, USART2_CK, EVENTOUT ADC2_IN1(2), DAC1_OUT1, COMP2_INM4, COMP4_INM4, COMP6_INM4 11 15 21 PA5(3) I/O TTa TIM2_CH1/ TIM2_ETR, TSC_G2_IO2, SPI1_SCK, EVENTOUT ADC2_IN2(2), DAC1_OUT2, OPAMP2_VINM 12 16 22 PA6(3) I/O TTa TIM16_CH1, TIM3_CH1, TSC_G2_IO3, SPI1_MISO, TIM1_BKIN, OPAMP2_DIG, EVENTOUT ADC2_IN3(2), DAC2_OUT1, OPAMP2_VOUT Table 13. STM32F334x4/6/8 pin definitions (continued) Pin Number Pin name (function after reset) Pin functions LQFP 32 LQFP 48 LQFP 64 Alternate functions Additional functions |