Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGWT40HP65FB Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STGWT40HP65FB
Descripción Electrónicos  Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT40HP65FB Datasheet(HTML) 4 Page - STMicroelectronics

  STGWT40HP65FB Datasheet HTML 1Page - STMicroelectronics STGWT40HP65FB Datasheet HTML 2Page - STMicroelectronics STGWT40HP65FB Datasheet HTML 3Page - STMicroelectronics STGWT40HP65FB Datasheet HTML 4Page - STMicroelectronics STGWT40HP65FB Datasheet HTML 5Page - STMicroelectronics STGWT40HP65FB Datasheet HTML 6Page - STMicroelectronics STGWT40HP65FB Datasheet HTML 7Page - STMicroelectronics STGWT40HP65FB Datasheet HTML 8Page - STMicroelectronics STGWT40HP65FB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STGWT40HP65FB
4/17
DocID028465 Rev 3
2
Electrical characteristics
TJ = 25 °C unless otherwise specified
Table 4: Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter breakdown
voltage
VGE = 0 V, IC = 2 mA
650
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 40 A
1.6
2.0
V
VGE = 15 V, IC = 40 A,
TJ = 125 °C
1.7
VGE = 15 V, IC = 40 A,
TJ = 175 °C
1.8
VF
Forward on-voltage
IF = 5 A
2
V
IF = 5 A, TJ = 125 °C
1.85
IF = 5 A, TJ = 175 °C
1.75
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
5
6
7
V
ICES
Collector cut-off current
VGE = 0 V, VCE = 650 V
25
µA
IGES
Gate-emitter leakage current
VCE = 0 V, VGE = ±20 V
±250
nA
Table 5: Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0 V
-
5412
-
pF
Coes
Output capacitance
-
198
-
Cres
Reverse transfer capacitance
-
107
-
Qg
Total gate charge
VCC = 520 V, IC = 40 A,
VGE = 15 V (see Figure 29:
"Gate charge test circuit")
-
210
-
nC
Qge
Gate-emitter charge
-
39
-
Qgc
Gate-collector charge
-
82
-
Table 6: IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(off)
Turn-off-delay time
VCE = 400 V, IC = 40 A,
VGE = 15 V, RG = 5
Ω (see
Figure 28: "Test circuit for
inductive load switching")
-
142
-
ns
tf
Current fall time
-
27
-
ns
Eoff(1)
Turn-off switching energy
-
363
-
µJ
td(off)
Turn-off-delay time
VCE = 400 V, IC = 40 A,
VGE = 15 V, RG = 5
Ω
TJ = 175 °C (see Figure 28:
"Test circuit for inductive
load switching")
-
141
-
ns
tf
Current fall time
-
61
-
ns
Eoff
Turn-off switching energy
-
764
-
µJ
Notes:
(1)Including the tail of the collector current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com