Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2424CG Datasheet(PDF) 25 Page - Linear Technology

No. de pieza LTC2424CG
Descripción Electrónicos  4-/8-Channel 20-Bit uPower No Latency ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2424CG Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2424CG Datasheet HTML 20Page - Linear Technology LTC2424CG Datasheet HTML 21Page - Linear Technology LTC2424CG Datasheet HTML 22Page - Linear Technology LTC2424CG Datasheet HTML 23Page - Linear Technology LTC2424CG Datasheet HTML 24Page - Linear Technology LTC2424CG Datasheet HTML 25Page - Linear Technology LTC2424CG Datasheet HTML 26Page - Linear Technology LTC2424CG Datasheet HTML 27Page - Linear Technology LTC2424CG Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LTC2424/LTC2428
APPLICATIONS INFORMATION
Figure 23. Using the Multiplexer to Produce Programmable Gains of 1 to 128
Figure 24. Inserting Gain Between the Multiplexer and the ADC Input
24248 F23
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
9
10
11
12
13
14
15
17
8-CHANNEL
MUX
5ZSSET
GND
1, 6, 16, 18, 22, 27, 28
23
20
25
19
21
24
CSADC
CSMUX
SCK
CLK
DIN
SDO
26
FO
LTC2428
ADCIN
MUXOUT
74
6
2
4
8
16
32
64
128
AV = 1, 2, 4...128
3
VIN
2
5V
10k
10k
20k
10k
20k
10k
20k
10k
20k
10k
20k
10k
20k
10k
20k
3
2, 8
1
µF
5V
FSSET VCC
VCC
+
LTC1050
0.1V TO VCC
+
20-BIT
∆∑ ADC
24248 F24
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
9
10
11
12
13
14
15
17
8-CHANNEL
MUX
5
ANALOG
INPUTS
ZSSET
GND
1, 6, 16, 18, 22, 27, 28
23
20
25
19
21
24
CSADC
CSMUX
SCK
CLK
DIN
SDO
26
FO
LTC2428
ADCIN
MUXOUT
74
7
6
3
C1
0.022
µF
2
4
R3
200k
C2
OPTIONAL GAIN
AND ROLL-OFF
OPTIONAL
BANDWIDTH
LIMIT
5V
R2
5.1K
3
2, 8
10
µF
5V
FSSET VCC
VCC
R4
5K
MAY BE REQUIRED BY OTHER
AMPLIFIERS (IS REQUIRED BY
BIPOLAR AMPLIFIERS)
R1
5.1k
+
LTC1050
+
20-BIT
∆∑ ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com