Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2424CG Datasheet(PDF) 13 Page - Linear Technology

No. de pieza LTC2424CG
Descripción Electrónicos  4-/8-Channel 20-Bit uPower No Latency ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2424CG Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2424CG Datasheet HTML 9Page - Linear Technology LTC2424CG Datasheet HTML 10Page - Linear Technology LTC2424CG Datasheet HTML 11Page - Linear Technology LTC2424CG Datasheet HTML 12Page - Linear Technology LTC2424CG Datasheet HTML 13Page - Linear Technology LTC2424CG Datasheet HTML 14Page - Linear Technology LTC2424CG Datasheet HTML 15Page - Linear Technology LTC2424CG Datasheet HTML 16Page - Linear Technology LTC2424CG Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LTC2424/LTC2428
data rate with a 5V reference. The relationship between the
output data rate (ODR) and the frequency applied to the FO
pin (FO) is:
ODR = FO/20480
For output data rates up to 50 samples/second, the total
unadjusted error (TUE) is better than 16 bits, and better
than 12 bits at 100 samples/second. As shown in Figure 8,
for output data rates of 100 samples/second, the TUE is
better than 15 bits for VREF below 2.5V. Figure 9 shows an
unaveraged total unadjusted error for the LTC2424 or
LTC2428 operating at 100 samples/second with VREF =
2.5V. Figure 10 shows the same device operating with a 5V
reference and an output data rate of 7.5 samples/second.
Operation at Higher Data Output Rates
The LTC2424/LTC2428 typically operate with an internal
oscillator of 153.6kHz. This corresponds to a notch fre-
quency of 60Hz and an output rate of 7.5 samples/second.
The internal oscillator is enabled if the FO pin is logic LOW
(logic HIGH for a 50Hz notch). It is possible to drive the FO
pin with an external oscillator for higher data output rates.
As shown in Figure 6, an external clock of 2.048MHz
applied to the FO pin results in a notch frequency of 800Hz
with a data output rate of 100 samples/second.
Figure 7 shows the total unadjusted error (Offset Error +
Full-Scale Error + INL + DNL) as a function of the output
APPLICATIONS INFORMATION
OUTPUT RATE (SAMPLES/SEC)
0
96
128
160
12 BITS
13 BITS
14 BITS
16 BITS
24248 F07
64
32
0
50
100
192
224
256
VREF = 5V
150
Figure 7. Total Error vs Output Rate (VREF = 5V)
LTC2424
C9
0.1
µF
HCO4
HCO4
C7
10pF
C6
270pF
C8 5pF
R7 5k
R6 47k
R8 1k
10k
10 TVEN POT
SWITCH
R9 1k
5V
6
12
10
5
7
3
4
21
13
11
89
24248 F06
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
VCC
FSSET
ADCIN
ZSSET
GND
MUXOUT
VCC
CH0
CH1
CH2
CH3
NC
NC
GND
GND
FO
SCK
SDO
CSADC
GND
DIN
CSMUX
CLK
GND
NC
GND
NC
+
Figure 6. Selectable 100 Sample/Second Turbo Mode
REFERENCE VOLTAGE (V)
1.0
128
192
5.0
24248 F08
64
0
2.0
3.0
4.0
1.5
2.5
3.5
4.5
256
96
160
32
224
OUTPUT RATE = 100sps
12 BITS
13 BITS
14 BITS
15 BITS
Figure 8. Total Error vs VREF (Output Rate = 100sps)
INPUT VOLTAGE (V)
0
–40
–30
–25
–20
–15
–10
–5
24248 F09
0
5
10
–35
2.5
VCC = 5V
VREF = 2.5V
Figure 9. Total Unadjusted Error at
100 Samples/Second (No Averaging)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com