Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2356-14 Datasheet(PDF) 6 Page - Linear Technology

No. de pieza LTC2356-14
Descripción Electrónicos  Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2356-14 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2356-14_15 Datasheet HTML 2Page - Linear Technology LTC2356-14_15 Datasheet HTML 3Page - Linear Technology LTC2356-14_15 Datasheet HTML 4Page - Linear Technology LTC2356-14_15 Datasheet HTML 5Page - Linear Technology LTC2356-14_15 Datasheet HTML 6Page - Linear Technology LTC2356-14_15 Datasheet HTML 7Page - Linear Technology LTC2356-14_15 Datasheet HTML 8Page - Linear Technology LTC2356-14_15 Datasheet HTML 9Page - Linear Technology LTC2356-14_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC2356-12/LTC2356-14
6
2356fb
TYPICAL PERFORMANCE CHARACTERISTICS
SINAD vs Input Frequency
SFDR vs Input Frequency
THD, 2nd and 3rd vs Input Frequency
SNR vs Input Frequency
1.4MHz Sine Wave 8192 Point
FFT Plot
100kHz Sine Wave 8192 Point
FFT Plot
FREQUENCY (MHz)
0.1
62
65
68
71
74
1
10
100
2356 G01
59
56
53
50
77
FREQUENCY (MHz)
0.1
–80
–74
–68
–62
–56
1
10
100
2356 G02
–86
–92
–98
–104
–50
THD
2nd
3rd
FREQUENCY (MHz)
0.1
74
80
86
92
1
10
100
2356 G03
68
62
56
50
FREQUENCY (MHz)
0.1
62
65
68
71
74
1
10
100
2356 G04
59
56
53
50
77
FREQUENCY (Hz)
0
–90
–30
–20
–10
0
500k
1M 1.25M
2356 G05
–110
–50
–70
–100
–40
–120
–60
–80
250k
750k
1.5M 1.75M
FREQUENCY (Hz)
0
–90
–30
–20
–10
0
500k
1M 1.25M
2356 G06
–110
–50
–70
–100
–40
–120
–60
–80
250k
750k
1.5M 1.75M
TA = 25°C, VDD = 3.3V (LTC2356-14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com