Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2356-14 Datasheet(PDF) 7 Page - Linear Technology

No. de pieza LTC2356-14
Descripción Electrónicos  Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2356-14 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2356-14_15 Datasheet HTML 3Page - Linear Technology LTC2356-14_15 Datasheet HTML 4Page - Linear Technology LTC2356-14_15 Datasheet HTML 5Page - Linear Technology LTC2356-14_15 Datasheet HTML 6Page - Linear Technology LTC2356-14_15 Datasheet HTML 7Page - Linear Technology LTC2356-14_15 Datasheet HTML 8Page - Linear Technology LTC2356-14_15 Datasheet HTML 9Page - Linear Technology LTC2356-14_15 Datasheet HTML 10Page - Linear Technology LTC2356-14_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC2356-12/LTC2356-14
7
2356fb
2356 G07
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
–0.6
0.6
0.8
0.2
12288
16384
OUTPUT CODE
0
0
1
2
16384
2356 G08
–1
–2
–4
4096
8192
12288
–3
4
3
CONVERSION RATE (Msps)
2.0
73
74
75
3.6
2356 G10
72
71
70
2.2 2.4 2.6 2.8 3 3.2 3.4
3.8 4.0
CONVERSION RATE (Msps)
2.0
3
4
2
1
0
–1
–2
–3
–4
3.6
2356 G09
2.4
2.8
3.2
4.0
3.4
2.2
2.6
3.0
3.8
MAX INL
MIN INL
MAX DNL
MIN DNL
FREQUENCY (Hz)
1M
10M
100M
1G
–18
–12
–6
0
2356 G11
–24
–30
–36
6
12
FREQUENCY (Hz)
100
0
–20
–40
–60
–80
–100
–120
1k
10k
100k
1M
2356 G12
10M 100M
TYPICAL PERFORMANCE CHARACTERISTICS
SINAD vs Conversion Rate, Input
Frequency = 1.4MHz
Differential and Integral Linearity
vs Conversion Rate
2.5VP-P Power Bandwidth
CMRR vs Frequency
Differential Linearity vs Output Code
Integral Linearity vs Output Code
TA = 25°C, VDD = 3.3V (LTC2356-14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com