Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2356-14 Datasheet(PDF) 9 Page - Linear Technology

No. de pieza LTC2356-14
Descripción Electrónicos  Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2356-14 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2356-14_15 Datasheet HTML 5Page - Linear Technology LTC2356-14_15 Datasheet HTML 6Page - Linear Technology LTC2356-14_15 Datasheet HTML 7Page - Linear Technology LTC2356-14_15 Datasheet HTML 8Page - Linear Technology LTC2356-14_15 Datasheet HTML 9Page - Linear Technology LTC2356-14_15 Datasheet HTML 10Page - Linear Technology LTC2356-14_15 Datasheet HTML 11Page - Linear Technology LTC2356-14_15 Datasheet HTML 12Page - Linear Technology LTC2356-14_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC2356-12/LTC2356-14
9
2356fb
2356 BD
+
1
2
7
3
4
S & H
GND
EXPOSED PAD
LTC2356-14
VREF
10µF
AIN–
AIN+
14-BIT ADC
3.3V
10µF
14
8
10
9
THREE-
STATE
SERIAL
OUTPUT
PORT
2.5V
REFERENCE
TIMING
LOGIC
VDD
SDO
CONV
SCK
5
6
11
PIN FUNCTIONS
AIN+ (Pin 1): Noninverting Analog Input. AIN+ operates
fully differentially with respect to AIN– with a –1.25V to
1.25V differential swing with respect to AIN– and a 0V to
VDD common mode swing.
AIN– (Pin 2): Inverting Analog Input. AIN– operates fully
differentially with respect to AIN+ with a 1.25V to –1.25V
differential swing with respect to AIN+ and a 0V to VDD
common mode swing.
VREF (Pin 3): 2.5V Internal Reference. Bypass to GND
and to a solid analog ground plane with a 10µF ceramic
capacitor(or10µFtantaluminparallelwith0.1µFceramic).
Can be overdriven by an external reference between 2.55V
and VDD.
GND (Pins 4, 5, 6, 11): Ground and Exposed Pad. These
ground pins and the exposed pad must be tied directly to
the solid ground plane under the part. Keep in mind that
analog signal currents and digital output signal currents
flow through these pins.
VDD (Pin 7): 3.3V Positive Supply. This single power pin
supplies 3.3V to the entire device. Bypass to GND and to
a solid analog ground plane with a 10µF ceramic capacitor
(or 10µF tantalum in parallel with 0.1µF ceramic). Keep in
mind that internal analog currents and digital output signal
currents flow through this pin. Care should be taken to
place the 0.1µF bypass capacitor as close to Pins 6 and
7 as possible.
SDO (Pin 8): Three-State Serial Data Output. Each set
of output data words represents the difference between
AIN+ and AIN– analog inputs at the start of the previous
conversion. The output format is 2’s complement.
SCK (Pin 9): External Clock Input. Advances the conver-
sion process and sequences the output data on the rising
edge. Responds to TTL (≤3.3V) and 3.3V CMOS levels.
One or more pulses wake from sleep.
CONV(Pin10):ConvertStart.Holdstheanaloginputsignal
and starts the conversion on the rising edge. Responds
to TTL (≤3.3V) and 3.3V CMOS levels. Two CONV pulses
with SCK in fixed high or fixed low state start Nap mode.
Four or more CONV pulses with SCK in fixed high or fixed
low state start Sleep mode.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com