Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2356-14 Datasheet(PDF) 8 Page - Linear Technology

No. de pieza LTC2356-14
Descripción Electrónicos  Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2356-14 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2356-14_15 Datasheet HTML 4Page - Linear Technology LTC2356-14_15 Datasheet HTML 5Page - Linear Technology LTC2356-14_15 Datasheet HTML 6Page - Linear Technology LTC2356-14_15 Datasheet HTML 7Page - Linear Technology LTC2356-14_15 Datasheet HTML 8Page - Linear Technology LTC2356-14_15 Datasheet HTML 9Page - Linear Technology LTC2356-14_15 Datasheet HTML 10Page - Linear Technology LTC2356-14_15 Datasheet HTML 11Page - Linear Technology LTC2356-14_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC2356-12/LTC2356-14
8
2356fb
CONVERSION RATE (Mps)
0
0
1
0.5
2
1.5
3
2.5
4
3.5
6
5.5
0.5
1
1.5
2
2356 G16
2.5
3.5
3
4
5
4.5
VDD (V)
2.4890
2.4894
2.4898
2.4902
2.4892
2.4896
2.4900
2.8
3.0
3.2
3.4
2356 G15
2.6
3.6
FREQUENCY (Hz)
1
10
–50
–45
–40
–35
–30
100
1k
10k
100k
1M
2356 G13
–55
–60
–65
–70
–25
LOAD CURRENT (mA)
0.4
0.8
1.2
1.6
2356 G14
2.0
0.2
0
0.6
1.0
1.4
1.8
2.4890
2.4894
2.4898
2.4902
2.4892
2.4896
2.4900
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VDD = 3.3V (LTC2356-12 and LTC2356-14)
Internal Reference Voltage vs
Load Current
Internal Reference Voltage vs VDD
VDD Supply Current vs
Conversion Rate
PSRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com